Electronic Components Datasheet Search
  English  ▼

X  

MAX1968EUI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1968EUI
Description  Power Drivers for Peltier TEC Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968EUI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1968EUI Datasheet HTML 8Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 9Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 10Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 11Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 12Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 13Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 14Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 15Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Power Drivers for Peltier TEC Modules
14
______________________________________________________________________________________
VDD
LX1
LX2
GND
3V TO
5.5V
PVDD1
PVDD2
PGND1
PGND2
REF
MAXIP
MAXIN
MAXV
CS
OS1
OS2
SHDN
ITEC
COMP
FREQ
CTLI
ON
OFF
MAX1969
TO REF
VDD
U3A
U3B
U2
to REF
510k
Ω
100k
Ω
10k
Ω
1
µF
50k
Ω
100k
Ω
3.3
µH
25m
Ω
100k
Ω
100k
Ω
1
µF
10
µF
RTHERM
10k
Ω
0.01
µF
0.1
µF
10k
Ω
1
µF
VDD
240k
Ω
TEMPERATURE
SET POINT*
*SEE FIGURE 1 FOR TEMPERATURE
SET POINT SET BY A POTENTIOMETER
DAC
VDD
DAC
INPUTS
1
µF
1
µF
1
µF
0.1
µF
0.022
µF
10
µF
MAX4475
MAX4477
MAX4477
MAX5144
Figure 2. Typical Application Circuit for MAX1969



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com