Electronic Components Datasheet Search
  English  ▼

X  

MAX1968EUI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1968EUI
Description  Power Drivers for Peltier TEC Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968EUI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1968EUI Datasheet HTML 8Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 9Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 10Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 11Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 12Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 13Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 14Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 15Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Power Drivers for Peltier TEC Modules
12
______________________________________________________________________________________
Setting Max Positive and
Negative TEC Current
MAXIP and MAXIN set the maximum positive and nega-
tive TEC currents, respectively. The default current limit
is
±150mV / RSENSE when MAXIP and MAXIN are con-
nected to REF. To set maximum limits other than the
defaults, connect a resistor-divider from REF to GND to
set VMAXI_. Use resistors in the 10k
Ω to 100kΩ range.
VMAXI_ is related to ITEC by the following equations:
VMAXIP = 10(ITECP(MAX) x RSENSE)
VMAXIN = 10(ITECN(MAX) x RSENSE)
where ITECP(MAX) is the maximum positive TEC current
and ITECN(MAX) is the negative maximum TEC current.
Positive TEC current occurs when CS is less than OS1:
ITEC x RSENSE = CS - OS1
when ITEC < 0.
ITEC x RSENSE = OS1 - CS
when ITEC > 0.
The MAX1969 controls the TEC current in one direction
(unipolar). Set the maximum unipolar TEC current by
applying a voltage to MAXIP. Connect MAXIN to GND.
The equation for setting MAXIP is the same for the
MAX1968 and MAX1969.
Take care not to exceed the positive or negative cur-
rent limit on the TEC. Refer to the manufacturer’s data
sheet for these limits.
Setting MAX TEC Voltage
Apply a voltage to the MAXV pin to control the maxi-
mum differential TEC voltage. MAXV can vary from 0 to
REF. The voltage across the TEC is four times VMAXV
and can be positive or negative:
|VOS1 - VOS2| = 4 x VMAXV
Set VMAXV with a resistor-divider between REF and
GND using resistors from 10k
Ω to 100kΩ. VMAXV can
vary from 0 to REF.
Control Inputs/Outputs
Output Current Control
The voltage at CTLI directly sets the TEC current. CTLI
is typically driven from the output of a temperature con-
trol loop. For the purposes of the following equations, it
is assumed that positive TEC current is heating.The
transfer function relating current through the TEC (ITEC)
and VCTLI is given by:
ITEC = (VCTLI - VREF)/(10 x RSENSE)
where VREF is 1.50V and:
ITEC = (VOS1 - VCS)/RSENSE
CTLI is centered around REF (1.50V). ITEC is zero when
CTLI = 1.50V. When VCTLI > 1.50V the MAX1968 is
heating. Current flow is from OS2 to OS1. The voltages
on the pins relate as follows:
VOS2 > VOS1 > VCS
The opposite applies when cooling. When VCTLI <
1.50V current flows from OS1 to OS2:
VOS2 < VOS1 < VCS
Shutdown Control
The MAX1968/MAX1969 can be placed in a power-sav-
ing shutdown mode by driving SHDN low. When the
MAX1968/MAX1969 are shut down, the TEC is off (OS1
and OS2 decay to GND) and supply current is reduced
to 2mA (typ).
ITEC Output
ITEC is a status output that provides a voltage proportion-
al to the actual TEC current. ITEC = REF when TEC cur-
rent is zero. The transfer function for the ITEC output is:
VITEC = 1.50 + 8 x (VOS1 - VCS)
Use ITEC to monitor the cooling or heating current
through the TEC. The maximum capacitance that ITEC
can drive is 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com