Electronic Components Datasheet Search
  English  ▼

X  

MAX1978 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1978
Description  Integrated Temperature Controllers for Peltier Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1978 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1978 Datasheet HTML 5Page - Maxim Integrated Products MAX1978 Datasheet HTML 6Page - Maxim Integrated Products MAX1978 Datasheet HTML 7Page - Maxim Integrated Products MAX1978 Datasheet HTML 8Page - Maxim Integrated Products MAX1978 Datasheet HTML 9Page - Maxim Integrated Products MAX1978 Datasheet HTML 10Page - Maxim Integrated Products MAX1978 Datasheet HTML 11Page - Maxim Integrated Products MAX1978 Datasheet HTML 12Page - Maxim Integrated Products MAX1978 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Integrated Temperature
Controllers for Peltier Modules
_______________________________________________________________________________________
9
Pin Description
THERMAL STABILITY,
ROOM TEMPERATURE
4s/div
TEMPERATURE
0.001
°C/div
ITEC = +25
°C
TA = +25
°C
THERMAL STABILITY,
HEATING MODE
4s/div
TEMPERATURE
0.001
°C/div
TTEC = +25
°C
TA = +5
°C
TEMPERATURE ERROR
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
30
40
10
20
0
-10
-0.02
-0.01
0
0.01
0.02
0.03
-0.03
-20
50
Typical Operating Characteristics (continued)
(VDD = 5V, VCTLI = 1V, VFREQ = GND, RTEC = 1
Ω, circuit of Figure 1, TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
OS2
Output Sense 2. OS2 senses one side of the differential TEC voltage. OS2 is a sense point, not a power
output.
2, 8, 29,
35
N.C.
Not Internally Connected
3, 5
PGND2
Power Ground 2. Internal synchronous rectifier ground connections. Connect all PGND pins together at
power ground plane.
4, 6, 9
LX2
Inductor 2 Connection. Connect all LX2 pins together. Connect LX2 to LX1 when using the MAX1979.
7, 10
PVDD2
Power 2 Inputs. Must be same voltage as VDD. Connect all PVDD2 inputs together at the VDD power plane.
Bypass to PGND2 with a 10µF ceramic capacitor.
11
SHDN
Shutdown Control Input. Active-low shutdown control.
12
OT
Under-Temperature Alarm. Open-drain output pulls low if temperature feedback falls 20mV
(typically +1.5°C) below the set-point voltage.
13
UT
Under-Temperature Alarm. Open-drain output pulls low if temperature feedback falls 20mV
(typically +1.5°C) below the set-point voltage.
14
INTOUT Integrator Amp Output. Normally connected to CTLI.
15
INT-
Integrator Amp Inverting Input. Normally connected to DIFOUT through thermal-compensation network.
16, 25,
26, 42, 43
GND
Analog Ground. Connect all GND pins to analog ground plane.
17
DIFOUT Chopper-Stabilized Instrumentation Amp Output. Differential gain is 50 ✕ (FB+ - FB-).
18
FB-
Chopper-Stabilized Instrumentation Amp Inverting Input. Connect to thermistor bridge.
19
FB+
Chopper-Stabilized Instrumentation Amp Noninverting Input. Connect to thermistor bridge.
20
BFB-
Chopper-Stabilized Buffered FB- Output. Used to monitor thermistor bridge voltage.
21
BFB+
Chopper-Stabilized Buffered FB+ Output. Used to monitor thermistor bridge voltage.
22
AIN+
Undedicated Chopper-Stabilized Amplifier Noninverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com