Electronic Components Datasheet Search
  English  ▼

X  

MAX1978 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1978
Description  Integrated Temperature Controllers for Peltier Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1978 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1978 Datasheet HTML 2Page - Maxim Integrated Products MAX1978 Datasheet HTML 3Page - Maxim Integrated Products MAX1978 Datasheet HTML 4Page - Maxim Integrated Products MAX1978 Datasheet HTML 5Page - Maxim Integrated Products MAX1978 Datasheet HTML 6Page - Maxim Integrated Products MAX1978 Datasheet HTML 7Page - Maxim Integrated Products MAX1978 Datasheet HTML 8Page - Maxim Integrated Products MAX1978 Datasheet HTML 9Page - Maxim Integrated Products MAX1978 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Note 3: Includes power FET leakage.
Note 4: CTLI gain is defined as:
Note 5: Specifications to -40°C are guaranteed by design, not production tested.
ACTLI
VV
VV
CTLI
REF
OSI
CS
=
−
()
−
()
Integrated Temperature
Controllers for Peltier Modules
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD1 = PVDD2 = SHDN = 5V, FREQ = GND, CTLI = FB+ = FB- = MAXV = MAXIP = MAXIN = REF, TA = -40°C to +85°C,
unless otherwise noted.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
VMAXV = VREF ✕ 0.67,
VOS1 to VOS2 = ±4V, VDD = 5V
-1
+1
MAXV Threshold Accuracy
VMAXV = VREF ✕ 0.33, VOS1 to VOS2 = ±2V,
VDD = 3V
-2
+2
%
MAXV, MAXIP, MAXIN
Input Bias Current
IMAXV-BIAS,
IMAXI_-BIAS
VMAXV = VMAXI_ = 0.1V or 1.5V
-0.1
+0.1
µA
CTLI Gain
ACTLI
VCTLI = 0.5V to 2.5V (Note 4)
9.5
10.5
V/V
CTLI Input Resistance
RCTLI
1M
Ω terminated at REF
0.5
2.0
M
Ω
Error Amp Transconductance
gm
50
175
µS
ITEC Accuracy
VOS1 to VCS = +100mV or -100mV
-10
+10
%
ITEC Load Regulation
∆VITEC
VOS1 to VCS = +100mV or
-100mV, IITEC = ±10µA
-0.125
+0.125
%
Instrumentation Amp
Input Bias Current
IDIF-BIAS
-10
+10
nA
Instrumentation Amp
Offset Voltage
VDIF-OS
VDD = 3V to 5.5V
-200
+200
µV
Instrumentation Amp
Preset Gain
ADIF
RLOAD = 10k
Ω to REF
45
55
V/V
Integrator Amp Input Bias Current
IINT-BIAS
VDD = 3V to 5.5V
1
nA
Integrator Amp Voltage Offset
VINT-OS
VDD = 3V to 5.5V
-3
+3
mV
Undedicated Chopper Amp Input
Bias Current
IAIN-BIAS
VDD = 3V to 5.5V
-10
+10
nA
Undedicated Chopper Amp
Offset Voltage
VAIN-OS
VDD = 3V to 5.5V
-200
+200
µV
BFB_ Buffer Error
CLOAD < 100pF
-200
+200
µV
UT and OT Leakage Current
ILEAK
V UT = V OT = 5.5V
1
µA
UT and OT Output Low Voltage
VOL
Sinking 4mA
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com