Electronic Components Datasheet Search
  English  ▼

X  

MAX2108 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2108
Description  Direct-Conversion Tuner IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2108 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2108 Datasheet HTML 1Page - Maxim Integrated Products MAX2108 Datasheet HTML 2Page - Maxim Integrated Products MAX2108 Datasheet HTML 3Page - Maxim Integrated Products MAX2108 Datasheet HTML 4Page - Maxim Integrated Products MAX2108 Datasheet HTML 5Page - Maxim Integrated Products MAX2108 Datasheet HTML 6Page - Maxim Integrated Products MAX2108 Datasheet HTML 7Page - Maxim Integrated Products MAX2108 Datasheet HTML 8Page - Maxim Integrated Products MAX2108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Direct-Conversion Tuner IC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V; VGC = 1.3V; PS_SEL = 0.5V; IOUT, IOUT, QOUT, QOUT = terminated with 2.5kΩ to GND; no input signal
applied; TA = 0°C to +70°C; unless otherwise noted. Typical values are at VCC = +5V, TA = +25°C.)
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V; PS_SEL = 0.5V; PRFIN = -20dBm; fLO = fRFIN +125kHz; GC set via servo loop for VIOUT - V IOUT = 200mVp-p (differen-
tial); TA = +25°C; unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +7V
VCC to Any Other VCC ...........................................-0.3V to +0.3V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
RFIN to RFIN ..........................................................................±2V
LO to LO ................................................................................±2V
Short-Circuit Current
IOUT, IOUT, QOUT, QOUT to GND .................................10mA
PSOUT, PSOUT to GND...................................................40mA
Short-Circuit Duration IOUT to IOUT, QOUT to QOUT,
PSOUT to PSOUT ............................................................10sec
Continuous Power Dissipation (TA = +70°C)
24 QSOP (derate 10mW/°C above TA = +70°C) ..........800mW
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
0 < VPS_SEL < VCC
1V < VGC < 4V
CONDITIONS
V
0.5
VTHL
PS_SEL Logic-Low Threshold
V
2.4
VTHH
mA
105
152
ICC
Supply Current
PS_SEL Logic-High Threshold
µA
-30
+10
IPS_SEL
PS_SEL Input Bias Current
µA
-80
+80
IGC
GC Input Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
2.9
3.35
3.8
VCM
IOUT, IOUT, QOUT, QOUT
Common-Mode Output Voltage
950MHz < fRFIN < 2150MHz, PLO = -5dBm,
VIOUT - VIOUT = 10mVp-p, TA = 0°C +70°C
950MHz < fRFIN < 2150MHz, PLO = -5dBm
1V < VGC < 4V, PLO = -5dBm
CONDITIONS
dBm
-70
PRFINMIN
RFIN Minimum Input Power
(Note 2)
dBm
-20
PRFINMAX
MHz
950
2150
fRFIN
RFIN Frequency Range (Note 1)
RFIN Maximum Input Power
(Note 2)
dBm
-5
External LO Drive Level (Note 2)
dB
50
Gain-Control Range (Note 2)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VGC = 4V, fLO = 1750MHz
dB
10
NF
Noise Figure
dBm
14
IIP2
dBm
8
IIP3
RFIN Input Third-Order
Intercept Point (Note 3)
RFIN Input Second-Order
Intercept Point (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com