Electronic Components Datasheet Search
  English  ▼

X  

MAX2108 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2108
Description  Direct-Conversion Tuner IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2108 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2108 Datasheet HTML 1Page - Maxim Integrated Products MAX2108 Datasheet HTML 2Page - Maxim Integrated Products MAX2108 Datasheet HTML 3Page - Maxim Integrated Products MAX2108 Datasheet HTML 4Page - Maxim Integrated Products MAX2108 Datasheet HTML 5Page - Maxim Integrated Products MAX2108 Datasheet HTML 6Page - Maxim Integrated Products MAX2108 Datasheet HTML 7Page - Maxim Integrated Products MAX2108 Datasheet HTML 8Page - Maxim Integrated Products MAX2108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Direct-Conversion Tuner IC
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
20
10
30
60
70
50
40
80
-55
-45 -40 -35 -30
-50
-25 -20 -15 -10
IM3 vs. CARRIER LEVEL
RF INPUT LEVEL (dBm)
TWO-TONE FREQUENCY
SPACING EQUALS 2MHz
5
7
6
9
8
11
10
12
14
13
15
950
1150
1350
1550
1750
NOISE FIGURE vs. FREQUENCY
RF FREQUENCY (MHz)
VGC = 4V
5
10
15
20
25
20
26
28
22
24
30
32
34
36
38
NOISE FIGURE vs. INSERTION GAIN
(RF TO BASEBAND)
GAIN (dB)
-40
-20
-30
20
10
0
-10
40
30
900
1100
1300
1500
1700
1900
2100
RF PORT SERIES IMPEDANCE
vs. FREQUENCY
FREQUENCY (MHz)
VGC = 4V
REAL
IMAGINARY
-70
-40
-50
-60
-20
-30
20
10
0
-10
40
30
900
1100
1300
1500
1700
1900
2100
RF PORT SERIES IMPEDANCE
vs. FREQUENCY
FREQUENCY (MHz)
REAL
IMAGINARY
VGC = 1V
-70
-40
-50
-60
-20
-30
20
10
0
-10
30
900
1100
1300
1500
1700
1900
2100
LO PORT SERIES IMPEDANCE
vs. FREQUENCY
FREQUENCY (MHz)
REAL
IMAGINARY
SINGLE-ENDED
0.1
10
1
100
1000
NORMALIZED BASEBAND GAIN
vs. BASEBAND FREQUENCY
BASEBAND FREQUENCY (MHz)
5
-5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com