Electronic Components Datasheet Search
  English  ▼

X  

MAX2108 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2108
Description  Direct-Conversion Tuner IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2108 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2108 Datasheet HTML 1Page - Maxim Integrated Products MAX2108 Datasheet HTML 2Page - Maxim Integrated Products MAX2108 Datasheet HTML 3Page - Maxim Integrated Products MAX2108 Datasheet HTML 4Page - Maxim Integrated Products MAX2108 Datasheet HTML 5Page - Maxim Integrated Products MAX2108 Datasheet HTML 6Page - Maxim Integrated Products MAX2108 Datasheet HTML 7Page - Maxim Integrated Products MAX2108 Datasheet HTML 8Page - Maxim Integrated Products MAX2108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Direct-Conversion Tuner IC
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V; PS_SEL = 0.5V; PRFIN = -20dBm; fLO = fRFIN +125kHz; GC set via servo loop for VIOUT - V IOUT = 200mVp-p (differen-
tial); TA = +25°C; unless otherwise noted.)
Note 1: AC specifications with minimum/maximum limits are met within this frequency range.
Note 2: LO and LO are differentially driven through an AC-coupled matching network.
Note 3: PRFIN = -20dBm per tone, GC set via servo loop for VIOUT - V IOUT = 20mVp-p per tone. f1RFIN = 1749MHz, f2RFIN =
1751MHz, fLO = 1740MHz.
Note 4: PRFIN = -20dBm per tone, GC set via servo loop for VIOUT - V IOUT = 20mVp-p per tone. f1RFIN = 1200MHz, f2RFIN =
2150MHz, fLO = 951MHz.
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VPS_SEL < 0.5V
CPSOUT = C PSOUT = 10pF to GND
33
33
VPS_SEL > 2.4V
Prescaler Divide Ratio
Vp-p
1.0
VPSOUT -
V PSOUT
Differential Prescaler Output
Swing
32
32
At -3dB attenuation
fIOUT = f IOUT = fQOUT = f QOUT = 20MHz
MHz
150
fIOUT = f IOUT = fQOUT = f QOUT = 125kHz
Baseband Bandwidth
Ω
33
I/Q Channel Differential
Output Impedance
degrees
3
I/Q Channel Quadrature
Phase Error (Note 2)
fIOUT = f IOUT = fQOUT =f QOUT = 125kHz
dB
1
I/Q Amplitude Mismatch
(Note 2)
fIOUT = f IOUT = fQOUT = f QOUT = 10MHz,
no output load
Vp-p
1.4
I/Q Channel Clipping Level
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
90
100
95
110
105
120
115
125
4.75
4.95
4.85
5.05
5.15
5.25
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC(V)
TA = +70°C
TA = +25°C
TA = 0°C
-80
-70
-60
-50
-40
-30
-20
-10
0
1
1.5
2
2.5
3
3.5
CARRIER LEVEL vs. GAIN CONTROL
GC VOLTAGE (V)
GC SET FOR 10mVp-p
BASEBAND OUTPUT
fRFIN = 1750 MHz
0
2
4
6
8
10
900
1300
1100
1500
1700
INPUT IP3 vs. FREQUENCY
RF FREQUENCY (MHz)
TWO-TONE FREQUENCY
SPACING EQUALS 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com