Electronic Components Datasheet Search
  English  ▼

X  

MAX2108 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2108
Description  Direct-Conversion Tuner IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2108 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2108 Datasheet HTML 1Page - Maxim Integrated Products MAX2108 Datasheet HTML 2Page - Maxim Integrated Products MAX2108 Datasheet HTML 3Page - Maxim Integrated Products MAX2108 Datasheet HTML 4Page - Maxim Integrated Products MAX2108 Datasheet HTML 5Page - Maxim Integrated Products MAX2108 Datasheet HTML 6Page - Maxim Integrated Products MAX2108 Datasheet HTML 7Page - Maxim Integrated Products MAX2108 Datasheet HTML 8Page - Maxim Integrated Products MAX2108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Direct-Conversion Tuner IC
_______________________________________________________________________________________
5
NAME
FUNCTION
1
IOUT
Inverting I-Channel Baseband Output
PIN
Pin Description
2
IOUT
Noninverting I-Channel Baseband Output
3
VCC
Downconverter +5V Supply. Bypass with a 10pF capacitor to GND as close to the IC as possible. Connect
an additional 0.1µF capacitor in parallel with the 10pF capacitor.
4
GND
Ground. Connect to a low-inductance ground plane.
5
VCC
RF +5V Supply. Bypass with a 22pF capacitor to GND as close to the IC as possible.
6
RFIN
Inverting RF Input. Connect to a 22pF capacitor in series with a 75
Ω resistor to GND.
7
RFIN
Noninverting RF Input. Connect via matching network to a 75
Ω cable.
8, 9
GND
RF Ground. Connect to a low-inductance ground plane.
10
GC
Gain-Control Input. Apply a voltage between 1V and 4V to control the gain of the RF amplifier. Bypass with a
1000pF capacitor to minimize noise on the control line.
11
PS_SEL
Prescaler Modulus Control. Drive PS_SEL <0.5V to operate in divide-by-33 mode. Drive PS_SEL >2.4V to
operate in divide-by-32 mode.
12
VCC
Prescaler +5V Supply. Bypass with a 1000pF capacitor to GND.
13
PSOUT
Inverting Prescaler Output
14
PSOUT
Noninverting Prescaler Output
15
GND
Prescaler Ground. Connect to a low-inductance ground plane.
16
GND
Local Oscillator Ground. Connect to a low-inductance ground plane.
17, 20
N.C.
No Connection. Do not make any connection to this pin.
18
LO
Inverting LO Input
19
LO
Noninverting LO Input
21
VCC
Local Oscillator +5V Supply. Bypass with a 22pF capacitor and a 0.1µF capacitor to pin 16.
22
GND
Downconverter Ground. Connect to a low-inductance ground plane.
23
QOUT
Noninverting Q-Channel Baseband Output
24
QOUT
Inverting Q-Channel Baseband Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com