Electronic Components Datasheet Search
  English  ▼

X  

IR1150 Datasheet(PDF) 5 Page - International Rectifier

Part # IR1150
Description  PFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150 Datasheet(HTML) 5 Page - International Rectifier

  IR1150 Datasheet HTML 1Page - International Rectifier IR1150 Datasheet HTML 2Page - International Rectifier IR1150 Datasheet HTML 3Page - International Rectifier IR1150 Datasheet HTML 4Page - International Rectifier IR1150 Datasheet HTML 5Page - International Rectifier IR1150 Datasheet HTML 6Page - International Rectifier IR1150 Datasheet HTML 7Page - International Rectifier IR1150 Datasheet HTML 8Page - International Rectifier IR1150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IR1150(S)/IR1150I(S)(PbF)
www.irf.com
5
Gate Driver Section
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
Gate low voltage
VGLO
—
1.2
1.5
V
IGATE=200mA
Gate high voltage
VGTH
—
13
18
V
VCC=20V
Gate high voltage
VGTH
9.5
—
—
V
VCC =11.5V
—
20
—
ns
CLOAD = 1nF, VCC=16V
Rise time
tr
—
70
—
ns
CLOAD = 10nF, VCC=16V
—
20
—
ns
CLOAD = 1nF, VCC=16V
Fall time
tf
—
70
—
ns
CLOAD = 10nF, VCC=16V
Out peak current
IOPK
1.5
—
—
A
CLOAD = 10nF, VCC=16V
Gate voltage @ fault
VG fault
—
—
1.8
V
IGATE=20mA
Note 1:
Guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com