Electronic Components Datasheet Search
  English  ▼

X  

IR1150 Datasheet(PDF) 1 Page - International Rectifier

Part # IR1150
Description  PFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150 Datasheet(HTML) 1 Page - International Rectifier

  IR1150 Datasheet HTML 1Page - International Rectifier IR1150 Datasheet HTML 2Page - International Rectifier IR1150 Datasheet HTML 3Page - International Rectifier IR1150 Datasheet HTML 4Page - International Rectifier IR1150 Datasheet HTML 5Page - International Rectifier IR1150 Datasheet HTML 6Page - International Rectifier IR1150 Datasheet HTML 7Page - International Rectifier IR1150 Datasheet HTML 8Page - International Rectifier IR1150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.irf.com
1
Data Sheet No. PD60230 revD
IR1150(S)(PbF)
IR1150I(S)(PbF)
µPFC ONE CYCLE CONTROL PFC IC
Features
• PFC with IR proprietary “One Cycle Control”
• Continuous conduction mode (CCM) boost type PFC
• No line voltage sense required
• Programmable switching frequency (50kHz-200kHz)
• Programmable output overvoltage protection
• Brownout and output undervoltage protection
• Cycle-by-cycle peak current limit
• Soft start
• User initiated micropower “Sleep Mode”
• Open loop protection
• Maximum duty cycle limit of 98%
• User programmable fixed frequency operation
• Min. off time of 150-350ns over freq range
• VCC under voltage lockout
• Internally clamped 13V gate drive
• Fast 1.5A peak gate drive
• Micropower startup (<200 µA)
• Latch immunity and ESD protection
• Parts also available Lead-Free
Description
The µPFC IR1150 is a power factor correction (PFC) control IC designed to
operate in continuous conduction mode (CCM) over a wide range input line
voltages. The IR1150 is based on IR's proprietary "One Cycle Control" (OCC)
technique providing a cost effective solution for PFC.
The proprietary control method allows major reductions in component count,
PCB area and design time while delivering the same high system performance
as traditional solutions.
The IC is fully protected and eliminates the often noise sensitive line voltage
sensing requirements of existing solutions.
The IR1150 features include programmable switching frequency,
programmable dedicated over voltage protection, soft start, cycle- by-cycle
peak current limit, brownout, open loop, UVLO and micropower startup current.
In addition, for low standby power requirements (Energy Star, 1W
Standby, Blue Angel, etc.), the IC can be driven into sleep mode with total
current consumption below 200µA, by pulling the OVP pin below 0.62V.
Packages
8-Lead SOIC
8-Lead PDIP


Similar Part No. - IR1150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IR1150I IRF-IR1150I Datasheet
925Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IR1150IPBF IRF-IR1150IPBF Datasheet
925Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
925Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
More results

Similar Description - IR1150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
PFC BALLAST CONTROL IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
PFC & PWM Control IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
International Rectifier
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
PFC Converter Design with IR1150 One Cycle Control IC
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
UPFC ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
PFC IC with IR proprietary ?쏰ne Cycle Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com