Electronic Components Datasheet Search
  English  ▼

X  

IR1150 Datasheet(PDF) 8 Page - International Rectifier

Part # IR1150
Description  PFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR1150 Datasheet HTML 4Page - International Rectifier IR1150 Datasheet HTML 5Page - International Rectifier IR1150 Datasheet HTML 6Page - International Rectifier IR1150 Datasheet HTML 7Page - International Rectifier IR1150 Datasheet HTML 8Page - International Rectifier IR1150 Datasheet HTML 9Page - International Rectifier IR1150 Datasheet HTML 10Page - International Rectifier IR1150 Datasheet HTML 11Page - International Rectifier IR1150 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IR1150(S)/IR1150I(S)(PbF)
www.irf.com
8
Detailed Pin Description
COM: Ground
This is the ground potential pin of the integrated control
circuit. All internal devices are referenced to this point.
VFB: Output Voltage Feedback
The output voltage of the boost converter is sensed via a
resistive divider and fed into this pin, which is the inverting
input of the output voltage error amplifier. The impedance
of the divider string must be low enough so as to not
introduce substantial error due to the input bias currents of
the amplifier, yet high enough so as to minimize power
dissipation. A typical value of external divider impedance
is 1MΩ.
The error amplifier is a transconductance type which yields
high output impedance, thus increasing the noise immunity
of the error amplifier output. This also eliminates input
divider string interaction with compensation feedback
capacitors and reducing the loading of divider string due to
a low impedance output of the amplifier.
COMP: Voltage Loop Compensation
External circuitry from this pin to ground compensates the
system voltage loop and soft start time. This is the output
of the voltage error amplifier. This pin will be discharged
via internal resistance when a fault mode occurs.
GATE: Gate Drive Output
This is the gate drive output of the IC. Drive voltage is
internally limited and provides ±1.5A peak with matched
rise and fall times.
FREQ: Frequency Set
This is the user programmable frequency pin. An
external resistor from this pin to the COM pin pro-
grams the frequency. The operational switching
frequency range for the device is 50kHz – 200kHz.
ISNS: Current Sense input
This pin is the inverting Current Sense Input & Peak
Current Limit. The voltage at this pin is the negative
voltage drop, sensed across the system current sense
resistor, representing the inductor current.
This voltage is fed into the Peak Current Limit protection
comparator with threshold around -1V. This protection
circuit incorporates a leading edge blanking circuit
following the comparator to improve noise immunity of the
protection process.
The current sense signal is also fed into the current sense
amplifier. The signal is amplified, filtered of high frequency
noise and then injected into a summing node where it is
subtracted from the compensation voltage VCOMP.
The signal on this pin must be previously filtered with an
RC cell to provide additional noise immunity. The input
impedance of this pin is 5kΩ .
VCC: Supply Voltage
This is the supply voltage pin of the IC and it is monitored
by the under voltage lockout circuit. It is possible to turn
off the IC by pulling this pin below the minimum turn off
threshold voltage, without damage to the IC.
To prevent noise problems, a bypass ceramic capacitor
connected to VCC and COM should be placed as close as
possible to the IR1150.
This pin is not internally clamped, therefore damage will
occur if the maximum voltage is exceeded.
OVP/EN: Over Voltage Protection / Enable
This pin is the input to the over voltage protection
comparator
the
threshold
of
which
is
internally
programmed to 105.5% of VREF.
A resistive divider feeds this pin from the output volt-age
to COM and inhibits the gate drive whenever the threshold
is exceeded. Normal operation resumes when the voltage
level on this pin decreases to below the pin threshold.
This pin is also used to activate “sleep” mode by pulling
the voltage level below 0.62V (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com