Electronic Components Datasheet Search
  English  ▼

X  

IR1150 Datasheet(PDF) 6 Page - International Rectifier

Part # IR1150
Description  PFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR1150 Datasheet HTML 2Page - International Rectifier IR1150 Datasheet HTML 3Page - International Rectifier IR1150 Datasheet HTML 4Page - International Rectifier IR1150 Datasheet HTML 5Page - International Rectifier IR1150 Datasheet HTML 6Page - International Rectifier IR1150 Datasheet HTML 7Page - International Rectifier IR1150 Datasheet HTML 8Page - International Rectifier IR1150 Datasheet HTML 9Page - International Rectifier IR1150 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IR1150(S)/IR1150I(S)(PbF)
www.irf.com
6
Block Diagram
Lead Assignments & Definitions
Lead Assignment
Pin#
Symbol
Description
1
COM
Ground
2
FREQ
Frequency Set
3
ISNS
Current Sense
4
OVP/EN
Overvoltage Fault Detect / Enable
5
COMP
Voltage Loop Compensation
6
VFB
Output Voltage Sense
7
VCC
IC Supply Voltage
8
GATE
Gate Drive Output
0.62V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com