Electronic Components Datasheet Search
  English  ▼

X  

IR2125Z Datasheet(PDF) 3 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 3 Page - International Rectifier

  IR2125Z Datasheet HTML 1Page - International Rectifier IR2125Z Datasheet HTML 2Page - International Rectifier IR2125Z Datasheet HTML 3Page - International Rectifier IR2125Z Datasheet HTML 4Page - International Rectifier IR2125Z Datasheet HTML 5Page - International Rectifier IR2125Z Datasheet HTML 6Page - International Rectifier IR2125Z Datasheet HTML 7Page - International Rectifier IR2125Z Datasheet HTML 8Page - International Rectifier IR2125Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IR2125Z
www.irf.com
3
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and Ta = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are
referenced to COM . VO and IO parameters are referenced to VS.
Tj = 25°C
Tj =
-55 to 125°C
Symbol
Parameter
Min.
Typ.
Max. Min. Max. Units Test Conditions
ILK
Offset Supply Leakage Current
—
—
50
—
250
VB = VS = 400V
IQBS
Quiescent VBS Supply Current
—
400
1000
—
1300
IN = CS = 0V, or 5V
IQCC
Quiescent VCC Supply Current
—
700
1200
—
1500
IN = CS = 0V, or 5V
IIN+
Logic “1” Input Bias Current
—
4
25
—
30
µA
IN = 5V
IIN-
Logic “0” Input Bias Current
—
—
1.0
—
1.0
IN = 0V
ICS+
“High” CS Bias Current
—
6
15
—
30
CS = 3V
ICS-
“Low” CS Bias Current
—
—
1.0
—
1.0
CS = 0V
VIH
Logic “1” Input Voltage
—
—
—
3.0
—
VIL
Logic “0” Input Voltage
—
—
—
—
0.8
VCC = 10 TO 20V
VERR+
Logic “1” ERR Input Voltage
—
—
—
2.2
—
V
VERR-
Logic “0” ERR Input Voltage
—
—
—
—
0.8
VCSTH+
CS Input Positive Going Threshold
150
230
320
—
—
10V < VCC < 20V
VCSTH-
CS Input Positive Going Threshold
130
200
300
—
—
10V < VCC < 20V
VBSUV+
VBS Supply Overvoltage Positive
8.5
9.3
10
—
—
Going Threshold
VBSUV-
VBS Supply Undervoltage Negative
7.7
8.5
9.0
—
—
Going Threshold
VBSOV+
VBS Supply Overvoltage Positive
19.8
21.5
23
—
—
Going Threshold
VBSOV-
VBS Supply Undervoltage Negative
19.1
20.8
22.4
—
—
V
Going Threshold
VCCUV+
VCC Supply Overvoltage Positive
8.3
8.8
9.6
—
—
Going Threshold
VCCUV-
VCC Supply Undervoltage Negative
7.3
8.1
8.7
—
—
Going Threshold
VCCOV+
VCC Supply Overvoltage Positive
20
21.2
23
—
—
Going Threshold
VCCOV-
VCC Supply Undervoltage Negative
19.3
20.7
22.5
—
—
Going Threshold
IERR
ERR Timing Charge Current
40
100
130
—
—
µA
IN = 5V, CS = 3V
ERR < VERR
+
IERR+
ERR Pull-up Current
8.0
15
—
—
—
IN = 5V, CS = 3V
ERR > VERR
+
IERR-
ERR Pull-down Current
16
30
—
—
—
IN = 0V
VOH
High Level Output Voltage
VB-0.1 —
—
VB-0.1 —
IN = 5V, IO = 0A
VOL
Low Level Output Voltage
—
—
VS+0.1 —
VS+0.1
IN = 0V, IO = 0A
Ron,ON
Output High on Resistance
—
9
—
—
—
Ron,OFF
Output Low on Resistance
—
3
—
—
—
mA
Ω
V
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com