Electronic Components Datasheet Search
  English  ▼

X  

IR2125Z Datasheet(PDF) 7 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2125Z Datasheet HTML 3Page - International Rectifier IR2125Z Datasheet HTML 4Page - International Rectifier IR2125Z Datasheet HTML 5Page - International Rectifier IR2125Z Datasheet HTML 6Page - International Rectifier IR2125Z Datasheet HTML 7Page - International Rectifier IR2125Z Datasheet HTML 8Page - International Rectifier IR2125Z Datasheet HTML 9Page - International Rectifier IR2125Z Datasheet HTML 10Page - International Rectifier IR2125Z Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IR2125Z
www.irf.com
7
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Figure 14A. Logic “1” Input Threshold vs. Tempera-
ture
Figure 14B. Logic “1” Input Threshold vs. Voltage
Figure 13B. CS to ERR Pull-Up vs. Voltage
Figure 13A. CS to ERR Pull-Up vs. Temperature
Figure 15A. Logic “0” Input Threshold vs. Tempera-
ture
Figure 15B. Logic “0” Input Threshold vs. Voltage
0.0
4.0
8.0
12.0
16.0
20.0
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
0.0
4.0
8.0
12.0
16.0
20.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Min.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Max.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com