Electronic Components Datasheet Search
  English  ▼

X  

IR2125Z Datasheet(PDF) 5 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 5 Page - International Rectifier

  IR2125Z Datasheet HTML 1Page - International Rectifier IR2125Z Datasheet HTML 2Page - International Rectifier IR2125Z Datasheet HTML 3Page - International Rectifier IR2125Z Datasheet HTML 4Page - International Rectifier IR2125Z Datasheet HTML 5Page - International Rectifier IR2125Z Datasheet HTML 6Page - International Rectifier IR2125Z Datasheet HTML 7Page - International Rectifier IR2125Z Datasheet HTML 8Page - International Rectifier IR2125Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IR2125Z
www.irf.com
5
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Figure 8A. Turn-Off Time vs. Temperature
Figure 8B. Turn-Off Time vs. Voltage
Figure 7A. Turn-On Time vs. Temperature
Figure 7B. Turn-On Time vs. Voltage
Figure 9B. ERR to Output Shutdown vs. Voltage
Figure 9A. ERR to Output Shutdown vs. Temperature
0
100
200
300
400
500
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
0
100
200
300
400
500
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com