Electronic Components Datasheet Search
  English  ▼

X  

IR2125Z Datasheet(PDF) 9 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2125Z Datasheet HTML 5Page - International Rectifier IR2125Z Datasheet HTML 6Page - International Rectifier IR2125Z Datasheet HTML 7Page - International Rectifier IR2125Z Datasheet HTML 8Page - International Rectifier IR2125Z Datasheet HTML 9Page - International Rectifier IR2125Z Datasheet HTML 10Page - International Rectifier IR2125Z Datasheet HTML 11Page - International Rectifier IR2125Z Datasheet HTML 12Page - International Rectifier IR2125Z Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IR2125Z
www.irf.com
9
0.00
0.40
0.80
1.20
1.60
2.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Figure 20A. Offset Supply Current vs. Temperature
Figure 20B. Offset Supply Current vs. Voltage
Figure 19A. Low Level Output vs. Temperature
Figure 19B. Low Level Output vs. Voltage
Figure 21A. VBS Supply Current vs. Temperature
Figure 21B. VBS Supply Current vs. Voltage
0.00
0.20
0.40
0.60
0.80
1.00
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
0
100
200
300
400
500
0
100
200
300
400
500
VB Boost Voltage (V)
Max.
0.00
0.40
0.80
1.20
1.60
2.00
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com