Electronic Components Datasheet Search
  English  ▼

X  

IR2131 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2131
Description  3 HIGH SIDE AND 3 LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2131 Datasheet(HTML) 3 Page - International Rectifier

  IR2131 Datasheet HTML 1Page - International Rectifier IR2131 Datasheet HTML 2Page - International Rectifier IR2131 Datasheet HTML 3Page - International Rectifier IR2131 Datasheet HTML 4Page - International Rectifier IR2131 Datasheet HTML 5Page - International Rectifier IR2131 Datasheet HTML 6Page - International Rectifier IR2131 Datasheet HTML 7Page - International Rectifier IR2131 Datasheet HTML 8Page - International Rectifier IR2131 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IR2131(J)(S) & (PbF)
www.irf.com
3
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” Input Voltage (OUT = LO)
2.2
—
—
VIL
Logic “1” Input Voltage (OUT = HI)
—
—
0.8
VFCLR,IH
Logic “0” Fault Clear Input Voltage
2.2
—
—
VFCLR,IL
Logic “1” Fault Clear Input Voltage
—
—
0.8
VSD,TH+
Shutdown Input Positive Going Threshold
1.2
1.8
2.1
VSD,TH-
Shutdown Input Negative Going Threshold
0.9
1.5
1.8
VIT,TH+
ITRIP Input Positive Going Threshold
250
485
600
VIT,TH-
ITRIP Input Negative Going Threshold
200
400
550
VOH
High Level Output Voltage, VBIAS - VO
—
—
100
VIN = 0V, IO = 0A
VOL
Low Level Output Voltage, VO
—
—
100
VIN = 5V, IO = 0A
ILK
Offset Supply Leakage Current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
—
30
100
VIN = 0V or 5V
IQCC
Quiescent VCC Supply Current
—
3.0
4.5
mA
VIN = 0V or 5V
IIN+
Logic “1” Input Bias Current (OUT = HI)
—
190
300
VIN = 0V
IIN-
Logic “0” Input Bias Current (OUT = LO)
—
50
100
µAVIN = 5V
IITRIP+
“High” ITRIP Bias Current
—
75
150
ITRIP = 5V
IITRIP-
“Low” ITRIP Bias Current
—
—
100
nA
ITRIP = 0V
IFCLR+
Logic “1” Fault Clear Bias Current
—
125
250
FLT - CLR = 0V
IFCLR-
Logic “0” Fault Clear Bias Current
—
75
150
µA
FLT - CLR
= 5V
ISD+
Logic “1” Shutdown Bias Current
—
75
150
SD = 5V
ISD-
Logic “0” Shutdown Bias Current
—
—
100
nA
SD = 0V
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
0.6
1.3
2.0
toff
Turn-Off Propagation Delay
0.2
0.6
1.0
VIN = 0 & 5V
tr
Turn-On Rise Time
—
80
150
VS1,2,3 = 0 to 600V
tf
Turn-Off Fall Time
—
40
100
titrip
ITRIP to Output Shutdown Propagation Delay
400
700
1000
VIN, VITRIP = 0 & 5V
tbl
ITRIP Blanking Time
—
400
—
VITRIP = 1V
tflt
ITRIP to FAULT Indication Delay
400
700
1000
ns
VIN, VITRIP = 0 & 5V
tflt,in
Input Filter Time (All Six Inputs)
—
310
—
VIN = 0 & 5V
tfltclr
FLT - CLR
to FAULT Clear Time
400
800
1200
VIN, VIT, VFC = 0&5V
tsd
SD to Output Shutdown Propagation Delay
400
700
1000
VIN, VSD = 0 & 5V
DT
Deadtime
400
700
1200
VIN = 0 & 5V
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS1,2,3 = VSS = COM, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic
electrical characteristics are defined in Figures 4 through 5.
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS1,2,3 = VSS = COM and TA = 25°C unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO
parameters are referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
µs
µA
mV
V
NOTE: For high side PWM, HIN pulse width must be
≥ 1.5µsec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com