Electronic Components Datasheet Search
  English  ▼

X  

IR2131 Datasheet(PDF) 6 Page - International Rectifier

Part # IR2131
Description  3 HIGH SIDE AND 3 LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2131 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2131 Datasheet HTML 2Page - International Rectifier IR2131 Datasheet HTML 3Page - International Rectifier IR2131 Datasheet HTML 4Page - International Rectifier IR2131 Datasheet HTML 5Page - International Rectifier IR2131 Datasheet HTML 6Page - International Rectifier IR2131 Datasheet HTML 7Page - International Rectifier IR2131 Datasheet HTML 8Page - International Rectifier IR2131 Datasheet HTML 9Page - International Rectifier IR2131 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IR2131(J)(S) & (PbF)
6
www.irf.com
Figure 1. Input/Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
Figure 4. Switching Time Waveform Definitions
Figure 6. Shutdown Waveform Definitions
Figure 5. Deadtime Waveform Definitions
HIN1,2,3
LIN1,2,3
FLT - CLR
FAULT
LO1,2,3
HO1,2,3
LO1,2,3
HO1,2,3
tr
ton
toff
tf
50%
50%
90%
90%
10%
10%
LIN1,2,3
HIN1,2,3
DT
DT
50%
50%
50%
50%
ITRIP
FAULT
FLT - CLR
LO1,2,3
LIN1,2,3
HIN1,2,3
LIN1,2,3
HO1,2,3
LO1,2,3
SD
ITRIP
SD
tflt
50%
50%
titrip
50%
50%
50%
50%
50%
tfltclr
tsd
Figure 3. Switching Time Test Circuit
SD
FLT-CLR
C0M
SD
FLT-CLR
<50V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com