Electronic Components Datasheet Search
  English  ▼

X  

IR2131 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2131
Description  3 HIGH SIDE AND 3 LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2131 Datasheet(HTML) 1 Page - International Rectifier

  IR2131 Datasheet HTML 1Page - International Rectifier IR2131 Datasheet HTML 2Page - International Rectifier IR2131 Datasheet HTML 3Page - International Rectifier IR2131 Datasheet HTML 4Page - International Rectifier IR2131 Datasheet HTML 5Page - International Rectifier IR2131 Datasheet HTML 6Page - International Rectifier IR2131 Datasheet HTML 7Page - International Rectifier IR2131 Datasheet HTML 8Page - International Rectifier IR2131 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
160 mA / 360 mA
VOUT
10 - 20V
ton/off (typ.)
1.3 & 0.6
µs
Deadtime (typ.)
700
ns
Packages
www.irf.com
1
Typical Connection
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
IR2131(J)(S) & (PbF)
28-Lead PDIP
28-Lead
SOIC
44-Lead PLCC
w/o 12 Leads
Data Sheet No. PD60032 rev P
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V Tolerant to negative
transient voltage dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for all channels
• Over-current shutdown turns off all six drivers
• Independent 3 high side & 3 low side drivers
• Matched propagation delay for all channels
• 2.5V logic compatible
• Outputs out of phase with inputs
• 28-Lead SOIC & 44-Lead PLCC are also
available in Lead-Free.
Description
The IR2131(J)(S) is a high voltage, high speed power
MOSFET and IGBT driver with three independent high and
low side referenced output channels. Proprietary HVIC
technology enables ruggedized monolithic construction.
Logic inputs are compatible with CMOS or LSTTL outputs,
down to 2.5V logic. A current trip function which termi-
nates all six outputs can be derived from an external cur-
rent sense resistor. A shutdown input is provided for a
customized shutdown function. An open drain
FAULT
signal is provided to indicate that any of the shutdowns has
occurred. The output drivers feature a high pulse current
buffer stage designed for minimum driver cross-conduc-
tion. Propagation delays are matched to simplify use in high
frequency applications. The floating channels can be used
to drive N-channel power MOSFETs or IGBTs in the high
side configuration which operate up to 600 volts.


Similar Part No. - IR2131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
IR2131J INFINEON-IR2131J Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
logo
International Rectifier
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2131S INFINEON-IR2131S Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
More results

Similar Description - IR2131

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2131 MOTOROLA-MPIC2131 Datasheet
172Kb / 6P
3 HIGH SIDE & 3 LOW SIDE DRIVER
logo
International Rectifier
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131SPBF IRF-IR2131SPBF Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Texas Instruments
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com