Electronic Components Datasheet Search
  English  ▼

X  

IR2131 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2131
Description  3 HIGH SIDE AND 3 LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2131 Datasheet(HTML) 4 Page - International Rectifier

  IR2131 Datasheet HTML 1Page - International Rectifier IR2131 Datasheet HTML 2Page - International Rectifier IR2131 Datasheet HTML 3Page - International Rectifier IR2131 Datasheet HTML 4Page - International Rectifier IR2131 Datasheet HTML 5Page - International Rectifier IR2131 Datasheet HTML 6Page - International Rectifier IR2131 Datasheet HTML 7Page - International Rectifier IR2131 Datasheet HTML 8Page - International Rectifier IR2131 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IR2131(J)(S) & (PbF)
4
www.irf.com
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VBSUV+
VBS Supply Undervoltage Positive Going
8.2
8.7
9.2
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
7.8
8.3
8.8
Threshold
VCCUV+
VCC Supply Undervoltage Positive Going
8.2
8.7
9.2
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
7.8
8.3
8.8
Threshold
Ron,FLT
FAULT
Low On-Resistance
—
55
75
Ω
IO+
Output High Short Circuit Pulsed Current
160
250
—
VO = 0V, VIN = 0V
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
360
500
—
VO = 15V, VIN = 5V
PW
≤ 10 µs
Static Electrical Characteristics -- Continued
VBIAS (VCC, VBS1,2,3) = 15V, VS1,2,3 = VSS = COM and TA = 25°C unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO
parameters are referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Functional Block Diagram
mA
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com