Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705PZ Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705PZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705PZ Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705PZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Tx_FAULT
VCC > 2.97 V
t_init
Tx_DISABLE
TRANSMITTED SIGNAL
t_init
Tx_FAULT
VCC > 2.97 V
Tx_DISABLE
TRANSMITTED SIGNAL
t-init: TX DISABLE NEGATED
t-init: TX DISABLE ASSERTED
Tx_FAULT
VCC > 2.97 V
t_init
Tx_DISABLE
TRANSMITTED SIGNAL
t_off
Tx_FAULT
Tx_DISABLE
TRANSMITTED SIGNAL
t-init: TX DISABLE NEGATED, MODULE HOT PLUGGED
t-off & t-on: TX DISABLE ASSERTED THEN NEGATED
INSERTION
t_on
Tx_FAULT
OCCURANCE OF FAULT
t_fault
Tx_DISABLE
TRANSMITTED SIGNAL
Tx_FAULT
OCCURANCE OF FAULT
Tx_DISABLE
TRANSMITTED SIGNAL
t-fault: TX FAULT ASSERTED, TX SIGNAL NOT RECOVERED
t-reset: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL RECOVERED
t_reset
t_init*
* CANNOT READ INPUT...
Tx_FAULT
OCCURANCE OF FAULT
t_fault
Tx_DISABLE
TRANSMITTED SIGNAL
OPTICAL SIGNAL
LOS
t-fault: TX DISABLE ASSERTED THEN NEGATED,
TX SIGNAL NOT RECOVERED
t-loss-on & t-loss-off
t_loss_on
t_init*
t_reset
* SFP SHALL CLEAR Tx_FAULT IN
t_init IF THE FAILURE IS TRANSIENT
t_loss_off
OCCURANCE
OF LOSS
Figure 5. Transceiver Timing Diagrams (Module Installed Except Where Noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com