Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705PZ Datasheet(PDF) 18 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705PZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705PZ Datasheet(HTML) 18 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705PZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Figure 7. SFP host board mechanical layout
2
x 1.7
20
x 0.5 ±0.03
0.
9
2
±0.005 TYP.
0.06
L A S B S
10.53 11.93
20
10
11
P
IN 1
20
10
11
P
IN 1
0.8
TYP.
10.93
9.6
2
x 1.55 ±0.05
3.2
5
LEGEND
1. PADS AND VIAS ARE CHASSIS GROUND
2.
THROUGH HOLES, PLATING OPTIONAL
3.
HATCHED AREA DENOTES COMPONENT
AND
TRACE KEEPOUT (EXCEPT
C
HASSIS GROUND)
4. AR
EA DENOTES COMPONENT
KEEPOUT (TRACES ALLOWED)
D
IMENSIONS ARE IN MILLIMETERS
4
3
2
1
1
26.8
5
11x 2.0
10
3
x
4
1.3
42.3
B
10x 1.05 ±0.01
16.25
R
EF . 14.25
11.08
8.58
5.68
2.0
11x
11.93
9.6
4.8
8.48
A
3.68
S
EE DET AIL 1
9x 0.95 ±0.05
2.5
7.
1
7.2
2.5
10
3
x
34.5
16.25
M
IN.PITCH
Y
X
D
ET AIL 1
0.85
±0.05
PCB
EDGE
0.06
L A S B S
0.
1 L A S B S
0.
1 L X A S
0.
1 L X A S
0.
1 S X Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com