Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705PZ Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705PZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705PZ Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705PZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Table 13. EEPROM Serial ID Memory Contents - Address A2h, Byte 110 (AFCT-5705Z family only)
Bit #
Status/Control Name
Description
7
Tx Disable State
Digital state of SFP Tx Disable Input Pin (1 = Tx_ Disable asserted)
6
Soft Tx Disable
Read/write bit for changing digital state of SFP Tx_Disable function1
5
Reserved
4
Rx Rate Select State
Digital state of SFP Rate Select Input Pin (1 = full bandwidth of 155 Mbit)2
3
Reserved
2
Tx Fault State
Digital state of the SFP Tx Fault Output Pin (1 = Tx Fault asserted)
1
Rx LOS State
Digital state of the SFP LOS Output Pin (1 = LOS asserted)
0
Data Ready (Bar)
Indicates transceiver is powered and real time sense data is ready (0 = Ready)
Notes:
1. Bit 6 is logic OR’d with the SFP Tx_Disable input pin 3 ... either asserted will disable the SFP transmitter.
2. AFCT-5705Z does not respond to state changes on Rate Select Input Pin. It is internally hardwired to full bandwidth.
Table 14. EEPROM Serial ID Memory Contents - Address A2h, Bytes 112, 113, 116, 117
(AFCT-5705Z family only)
Byte
Bit #
Flag Bit Name
Description
112
7
Temp High Alarm
Set when transceiver nternal temperature exceeds high alarm threshold.
6
Temp Low Alarm
Set when transceiver internal temperature exceeds alarm threshold.
5VCC High Alarm
Set when transceiver internal supply voltage exceeds high alarm threshold.
4VCC Low Alarm
Set when transceiver internal supply voltage exceeds low alarm threshold.
3
Tx Bias High Alarm
Set when transceiver laser bias current exceeds high alarm threshold.
2
Tx Bias Low Alarm
Set when transceiver laser bias current exceeds low alarm threshold.
1
Tx Power High Alarm
Set when transmitted average optical power exceeds high alarm threshold.
0
Tx Power Low Alarm
Set when transmitted average optical power exceeds low alarm threshold.
113
7
Rx Power High Alarm
Set when received P_Avg optical power exceeds high alarm threshold.
6
Rx Power Low Alarm
Set when received P_Avg optical power exceeds low alarm threshold.
0-5
Reserved
116
7
Temp High Warning
Set when transceiver internal temperature exceeds high warning threshold.
6
Temp Low Warning
Set when transceiver internal temperature exceeds low warning threshold.
5VCC High Warning
Set when transceiver internal supply voltage exceeds high warning threshold.
4VCC Low Warning
Set when transceiver internal supply voltage exceeds low warning threshold.
3
Tx Bias High Warning
Set when transceiver laser bias current exceeds high warning threshold.
2
Tx Bias Low Warning
Set when transceiver laser bias current exceeds low warning threshold.
1
Tx Power High Warning
Set when transmitted average optical power exceeds high warning threshold.
0
Tx Power Low Warning
Set when transmitted average optical power exceeds low warning threshold.
117
7
Rx Power High Warning
Set when received P_Avg optical power exceeds high warning threshold.
9
Rx Power Low Warning
Set when received P_Avg optical power exceeds low warning threshold.
0-5
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com