Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705PZ Datasheet(PDF) 20 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705PZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705PZ Datasheet(HTML) 20 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705PZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes AV01-0147EN
AV02-2367EN - April 26, 2012
AFCT-5705LZ
DMI
Extended Temperature (-10°C to 85°C)
Standard Delatch
AFCT-5705PZ
DMI
Extended Temperature (-10°C to 85°C)
Bail Delatch
AFCT-5705ALZ
DMI
Industrial Temperature (-40°C to 85°C)
Standard Delatch
AFCT-5705APZ
DMI
Industrial Temperature (-40°C to 85°C)
Bail Delatch
AFCT-5701LZ
No DMI
Extended Temperature (-10°C to 85°C)
Standard Delatch
AFCT-5701PZ
No DMI
Extended Temperature (-10°C to 85°C)
Bail Delatch
AFCT-5701ALZ
No DMI
Industrial Temperature (-40°C to 85°C)
Standard Delatch
AFCT-5701APZ
No DMI
Industrial Temperature (-40°C to 85°C)
Bail Delatch
Ordering Information
Please contact your local field sales engineer or one of
Avago Technologies franchised distributors for order-
ing information. For technical information, please visit
Avago Technologies’ web-page at www.avagotech.com or
contact one of Avago Technologies’ regional Technical
Response Centers.
For information related to SFF Committee documenta-
tion visit www.sffcommittee.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com