Electronic Components Datasheet Search
  English  ▼

X  

IR3871M Datasheet(PDF) 2 Page - International Rectifier

Part # IR3871M
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3871M Datasheet(HTML) 2 Page - International Rectifier

  IR3871M Datasheet HTML 1Page - International Rectifier IR3871M Datasheet HTML 2Page - International Rectifier IR3871M Datasheet HTML 3Page - International Rectifier IR3871M Datasheet HTML 4Page - International Rectifier IR3871M Datasheet HTML 5Page - International Rectifier IR3871M Datasheet HTML 6Page - International Rectifier IR3871M Datasheet HTML 7Page - International Rectifier IR3871M Datasheet HTML 8Page - International Rectifier IR3871M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
IR3871MPBF
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
•
VIN. FF …………………………………………..……. -0.3V to 30V
•
VCC, PGood, EN ………………….…....….…..….… -0.3V to 8.0V
•
Boot ……………………………………..……..…...…. -0.3V to 40V
•
PHASE ……………………………………………....... -0.3V to 30V(DC), -5V(100ns)
•
Boot to PHASE …..………………………………..….. -0.3V to 8V
•
ISET …………………………………………..….……. -0.3V to 30V
•
PGND to GND ……………...……………..………….. -0.3V to +0.3V
•
All other pins ……………...………………….……….. -0.3V to 3.9V
•
Storage Temperature Range ................................... -65°C To 150°C
•
Junction Temperature Range ................................... -40°C To 150°C
•
ESD Classification …………………………….……… JEDEC Class 1C
•
Moisture sensitivity level ……….……...…………..… JEDEC Level 2 @ 260°C (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
PACKAGE INFORMATION
5mm x 6mm POWER QFN
ORDERING INFORMATION
PKG DESIG
PACKAGE
DESCRIPTION
PIN COUNT
PARTS PER
REEL
M
IR3871MTRPbF
17
4000
M
IR3871MTR1PbF
17
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com