Electronic Components Datasheet Search
  English  ▼

X  

IR3871M Datasheet(PDF) 12 Page - International Rectifier

Part # IR3871M
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3871M Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3871M Datasheet HTML 8Page - International Rectifier IR3871M Datasheet HTML 9Page - International Rectifier IR3871M Datasheet HTML 10Page - International Rectifier IR3871M Datasheet HTML 11Page - International Rectifier IR3871M Datasheet HTML 12Page - International Rectifier IR3871M Datasheet HTML 13Page - International Rectifier IR3871M Datasheet HTML 14Page - International Rectifier IR3871M Datasheet HTML 15Page - International Rectifier IR3871M Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
IR3871MPBF
UNDER/OVER VOLTAGE MONITOR
The IR3871 monitors the voltage at the FB node
through a 350ns filter. If the FB voltage is below
the under voltage threshold, UV# is set to LOW
holding PGOOD to be LOW. If the FB voltage is
above the over voltage threshold, OV# is set to
LOW, the shutdown signal (SD) is set to HIGH,
MOSFET gates are turned off, and PGOOD
signal is pulled low. Toggling VCC or EN will
allow the next start up. Figure 19 shows
PGOOD
status
change
when
UV/OV
is
detected. The over voltage and under voltage
thresholds can be found in the Electrical
Specification section.
CIRCUIT DESCRIPTION
OVER CURRENT MONITOR
The over-current circuitry monitors the output
current during each switching cycle. The voltage
across
the
lower
MOSFET,
VPHASE,
is
monitored for over current and zero crossing. The
OCP circuit evaluates VPHASE for an over
current condition typically 270ns after the lower
MOSFET is gated on. This delay functions to filter
out switching noise. The minimum lower gate
interval allows time to sample VPHASE.
The over current trip point is programmed with a
resistor from the ISET pin to PHASE pin, as
shown in equation 4, where Tj is the junction
temperature of Q2 at operation conditions, and 0.4
is the temperature coefficient (~4000 ppm/
C) of
Q2 R
DSON. When over current is detected, the
output gates are tri-state and SS voltage is pulled
to 0V. This initiates a new soft start cycle. If there
is a total of four OC events, the IR3871 will
disable switching, as shown in Figure 20. Toggling
VCC or EN will allow the next start up.
(4)
0.4)
100
25
T
(1
20
I
R
R
j
OC
DSON
SET
A
Figure 20. Over Current Protection
Figure 19(a). Under/Over Voltage Monitor
Figure 19(b). Over Voltage Protection
* typical filter delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com