Electronic Components Datasheet Search
  English  ▼

X  

IR3871M Datasheet(PDF) 8 Page - International Rectifier

Part # IR3871M
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3871M Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3871M Datasheet HTML 4Page - International Rectifier IR3871M Datasheet HTML 5Page - International Rectifier IR3871M Datasheet HTML 6Page - International Rectifier IR3871M Datasheet HTML 7Page - International Rectifier IR3871M Datasheet HTML 8Page - International Rectifier IR3871M Datasheet HTML 9Page - International Rectifier IR3871M Datasheet HTML 10Page - International Rectifier IR3871M Datasheet HTML 11Page - International Rectifier IR3871M Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
IR3871MPBF
TYPICAL APPLICATION CIRCUIT
Demoboard Schematic: VOUT = 1.05V, Fs = 300kHz
Demoboard Bill of Materials
Figure 7. Typical Application Circuit for V
OUT = 1.05V, Fs = 300kHz
V OUT
T P7
T P10
EN
R9
0
V CC
T P23
+V sws
T P24
+V sws
+V i ns
R12
op en
C26
op en
T P8
V OUTS
5
2
T P21
-Vs ws
T P25
-Vi n1s
C27
op en
T P12
V SWS
5
2
T P22
+V sws
V IN
C7
op en
C8
op en
C9
33 0uF
C10
47 uF
C11
op en
C1
1u F
R7
2.80K
R8
2.55K
C12
0.1uF
C24
op en
ISE T
+3 .3V
T P6
P GNDS
T P14
+3 .3V
IR3871
U1
IR3 871
NC
1
SS
6
P GOOD
3
GND1
4
FB
5
NC1
7
ISE T
2
P HA SE
12
C4
0.22u F
V CC
S W1
E N / FCCM
T P4
EN
T P17
P GND
C20
0.1uF
T P26
A GND
C5
op en
V SW
C21
1u F
T P11
P GOOD
L1
1.5uH
R6
op en
C22
op en
T P1
V INS
R4
10 .5K
R3
20 0K
C13
op en
C2
22 uF
C16
op en
+ C3
68 uF
T P2
V IN
T P5
P GND
C14
op en
C17
op en
C18
op en
T P16
V CC
R10
op en
FB
R5
10 K
C15
op en
C6
op en
T P18
V OLT A GE S E NS E
-Vo ut1 s
T P9
+V out1s
R1
op en
FCCM
P GOOD
+V i n1s
T P20
+V i n1s
+3 .3V
C25
1u F
+V dd1 s
-Vd d1s
R13
op en
+3 .3V
T P15
-Vo ut1 s
R14
op en
T P19
FB
R11
op en
T P13
SS
V SW
+V dd2 s
T P3
FCCM
SS
-Vd d2s
R2
10 K
C19
op en
-Vi ns
P GND
V OUT
C23
op en
Quantity
Reference
Value
Description
Manufacturer
Part-Number
1
C4
0.22uF
CAP,CER,0.22uF,50V,10%,X7R,0603
Murata Electronics
GRM188R71H224KA64D
3
C1, C21, C25 1uF
CAP,CER,1.0uF,25V,X7R,0603
Murata Electronics
GRM188R71E105KA12D
1
C2
22uF
CAP,22uF,25V,CERAMIC,X5R,1210
Panasonic
ECJ-4YB1E226M
1
C3
68uF
CAP,68uF,25V,ELECT,FK,SMD
Panasonic
EEV-FK1E680P
1
C9
330uF
POSCAP, 330uF, 2.5V, SMD
Sanyo
2R5TPE330M9
1
C10
47uF
CAP,CER,47uF,6.3V,X5R,0805
TDK
C2012X5R0J476M
2
C12, C20
0.1uF
CAP,CER,0.1uF,50V,10%,X7R,0603
TDK
C1608X7R1H104K
1
L1
1.5uH
INDUCTOR, 1.5uH, 11A, 6.7mOhm,SMD
CYNTEC
PCMB065T-1R5MS
2
R2, R5
10K
RES,10.0K,OHM,1/10W,1%,0603,SMD
Vishay/Dale
CRCW060310K0FKEA
1
R9
0
RES,0.0,OHM,1/10W,1%,0603,SMD
Vishay/Dale
CRCW06030000Z0EAHP
1
R3
200K
RES,200K,OHM,1/10W,1%,0603,SMD
Vishay/Dale
CRCW0603200KFKEA
1
R4
10.5K
RES,10.5K,OHM,1/10W,1%,0603,SMD
Vishay/Dale
CRCW060310K5FKEA
1
R7
2.8K
RES,2.8K,OHM,1/10W,1%,0603,SMD
Vishay/Dale
CRCW06032K80FKEA
1
R8
2.55K
RES,2.55K,OHM,1/10W,1%,0603,SMD
Vishay/Dale
CRCW06032K55FKEA
1
SW1
SPST
SWITCH, DIP, SPST, SMT
C&K Components
SD02H0SK
1
U1
IR3871 5mm x 6mm QFN
IR
IR3871MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com