Electronic Components Datasheet Search
  English  ▼

X  

IR3871M Datasheet(PDF) 5 Page - International Rectifier

Part # IR3871M
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3871M Datasheet(HTML) 5 Page - International Rectifier

  IR3871M Datasheet HTML 1Page - International Rectifier IR3871M Datasheet HTML 2Page - International Rectifier IR3871M Datasheet HTML 3Page - International Rectifier IR3871M Datasheet HTML 4Page - International Rectifier IR3871M Datasheet HTML 5Page - International Rectifier IR3871M Datasheet HTML 6Page - International Rectifier IR3871M Datasheet HTML 7Page - International Rectifier IR3871M Datasheet HTML 8Page - International Rectifier IR3871M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
IR3871MPBF
Recommended Operating Conditions
Electrical Specifications
Unless otherwise specified, these specification apply over VIN = 12V, VCC = 5V, 0o
C ≤ T
J ≤ 125
oC.
* PHASE pin must not exceed 30V.
Symbol
Definition
Min
Max
Unit
VIN
Input Voltage
3
26*
V
VCC
Supply Voltage
4.5
7.5
V
OUT
Output Voltage
0.5
12
I
OUT
Output Current
0
8
A
Fs
Switching Frequency
N/A
1000
kHz
T
J
Junction Temperature
0
125
oC
PARAMETER
NOTE
TEST CONDITION
MIN
TYP
MAX
UNIT
BIAS SUPPLIES
VCC Turn-on Threshold
3.9
4.2
4.5
V
VCC Turn-off Threshold
3.6
3.9
4.2
V
VCC Threshold Hysteresis
150
mV
VCC Operating Current
R
FF = 200K,
EN = HIGH, Fs = 300kHz
7.1
mA
VCC Shutdown Current
EN = LOW
35
50
µA
FF Shutdown Current
EN = LOW
2
µA
VIN Shutdown Current
EN = LOW
1
µA
INTERNAL LDO OUTPUT
LDO Output Voltage Range
C
3VCBP = 1µF
3.1
3.3
3.5
V
Output Current
8
mA
CONTROL LOOP
Reference Accuracy, V
REF
V
REF
0.495
0.5
0.505
V
On-Time Accuracy
R
FF = 180K, TJ = 65
oC
280
300
320
ns
Min Off Time
1
400
ns
Soft-Start Current
EN = HIGH
8
10
12
µA
Zero Current Threshold
1
Measure at V
PHASE
-5
-2.4
0
mV
FAULT PROTECTION
ISET Pin Output Current
18
20
22
µA
Under Voltage Threshold
Falling V
FB & Monitor PGOOD
0.37
0.4
0.43
V
Under Voltage Hysteresis
1
Rising V
FB
10
mV
Over Voltage Threshold
Rising V
FB & Monitor PGOOD
0.58
0.62
0.66
V
Over Voltage Hysteresis
1
Falling V
FB
10
mV
PGOOD Delay Threshold
(V
SS)
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com