Electronic Components Datasheet Search
  English  ▼

X  

MAX3263 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3263
Description  Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3263 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3263 Datasheet HTML 4Page - Maxim Integrated Products MAX3263 Datasheet HTML 5Page - Maxim Integrated Products MAX3263 Datasheet HTML 6Page - Maxim Integrated Products MAX3263 Datasheet HTML 7Page - Maxim Integrated Products MAX3263 Datasheet HTML 8Page - Maxim Integrated Products MAX3263 Datasheet HTML 9Page - Maxim Integrated Products MAX3263 Datasheet HTML 10Page - Maxim Integrated Products MAX3263 Datasheet HTML 11Page - Maxim Integrated Products MAX3263 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Single +5V, Fully Integrated,
155Mbps Laser Diode Driver
8
_______________________________________________________________________________________
THIS SYMBOL REPRESENTS
A TRANSMISSION LINE
WITH CHARACTERISTIC
IMPEDANCE Zo = 50Ω.
MAX3263
5V
120
Ω
82
Ω
82
Ω
5V
PECL
SIGNAL SOURCE
VIN+
VIN-
120
Ω
a) THEVENIN-EQUIVALENT TERMINATION
MAX3263
68
Ω
50
Ω
50
Ω
50
Ω
5V
NON-PECL
SIGNAL SOURCE
VIN+
VIN-
180
Ω
c) SINGLE-ENDED NON-PECL TERMINATION
MAX3263
1.8k
680
Ω
50
Ω
5V
NON-PECL
SIGNAL SOURCE
VIN+
VIN-
5V
1.8k
680
Ω
50
Ω
b) DIFFERENTIAL NON-PECL TERMINATION
MAX3263
5V
3.6k
1.3k
1.3k
0V
ECL
SIGNAL SOURCE
-2V
VIN+
VIN-
3.6k
50
Ω
50
Ω
-2V
d) ECL TERMINATION
Figure 4. Alternative PECL Data-Input Terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com