Electronic Components Datasheet Search
  English  ▼

X  

MAX3263 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3263
Description  Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3263 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3263 Datasheet HTML 1Page - Maxim Integrated Products MAX3263 Datasheet HTML 2Page - Maxim Integrated Products MAX3263 Datasheet HTML 3Page - Maxim Integrated Products MAX3263 Datasheet HTML 4Page - Maxim Integrated Products MAX3263 Datasheet HTML 5Page - Maxim Integrated Products MAX3263 Datasheet HTML 6Page - Maxim Integrated Products MAX3263 Datasheet HTML 7Page - Maxim Integrated Products MAX3263 Datasheet HTML 8Page - Maxim Integrated Products MAX3263 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single +5V, Fully Integrated,
155Mbps Laser Diode Driver
2
_______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
TA = +25°C
(Note 1)
CONDITIONS
mA
12
IREF
Available Reference Current
V
3.15
3.3
3.45
VREF
mA
60
IBIAS
Range of Programmable Laser
Bias Current
Reference Voltage
V
VIL
TTL Low Input
mA
50
IVCC
Supply Current
V
VCC - 1.165
VIH
PECL Input High
V
VCC - 1.475
VIL
PECL Input Low
V
2
0.8
VIH
TTL High Input
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Minimum differential input swing is 1100mVp-p
(Note 3)
CONDITIONS
mA
30
IMOD
Range of Programmable
Modulation Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IBIAS = 25mA, IMOD = 12mA, 4ns unit interval;
measured from 10% to 90%
ns
1
tR, tF
Modulation-Current Rise and
Fall Time
IMOD = 12mA, TA = +25°C
%
±15
OS
Aberrations, Rising and Falling
Edge
IBIAS = 25mA, IMOD = 12mA, 8ns period
ps
100
PWD
Modulation-Current Pulse-
Width Distortion
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage (with respect to GND)
Supply Voltages (VCCA, VCCB).............................-0.3V to +6V
VIN+, VIN-, FAILOUT ................................................0V to VCC
OUT+, OUT-, IBIASOUT ......................................+1.5V to VCC
ENB+, ENB- ......................VCC or +5.5V, whichever is smaller
Differential Input Voltage (
|VIN+ - VIN-|).........................+3.8V
Input Current
IBIASOUT ............................................................0mA to 75mA
OUT+, OUT- ........................................................0mA to 40mA
IBIASSET ........................................................0mA to 1.875mA
IMODSET...............................................................0mA to 2mA
IPIN, IPINSET, OSADJ...........................................0mA to 2mA
FAILOUT..............................................................0mA to 10mA
IBIASFB................................................................-2mA to 2mA
Output Current
VREF1, VREF2.....................................................0mA to 20mA
SLWSTRT ..............................................................0mA to 5mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 8mW/°C above +70°C) ..........................640mW
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +175°C
DC ELECTRICAL CHARACTERISTICS
(VCC = VCCA = VCCB = +4.75V to +5.25V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VCC = +5V and
TA = +25°C.)
AC ELECTRICAL CHARACTERISTICS
(VCC = VCCA = VCCB = +4.75V to +5.25V, RLOAD (at OUT+ and OUT-) = 25Ω connected to VCC, TA = 0°C to +70°C, unless other-
wise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 2)
Loaded with 2.7k
Ω pull-up resistor to VCC
Loaded with 2.7k
Ω pull-up resistor to VCC
V
0.5
VOL
FAILOUT Output Low
V
4.5
VOH
FAILOUT Output High
Note 2: AC characteristics are guaranteed by design and characterization.
Note 3: An 1100mVp-p differential is equivalent to complementary 550mVp-p signals on VIN+ and VIN-.
Note 1: IVCC = IVCCA + IVCCB, IBIAS = 60mA, IMOD = 30mA, and IPIN = 140µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com