Electronic Components Datasheet Search
  English  ▼

X  

MAX3263 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3263
Description  Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3263 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3263 Datasheet HTML 4Page - Maxim Integrated Products MAX3263 Datasheet HTML 5Page - Maxim Integrated Products MAX3263 Datasheet HTML 6Page - Maxim Integrated Products MAX3263 Datasheet HTML 7Page - Maxim Integrated Products MAX3263 Datasheet HTML 8Page - Maxim Integrated Products MAX3263 Datasheet HTML 9Page - Maxim Integrated Products MAX3263 Datasheet HTML 10Page - Maxim Integrated Products MAX3263 Datasheet HTML 11Page - Maxim Integrated Products MAX3263 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
heat. Fortunately, a substantial portion of this power is
dissipated across the laser diode. A typical laser diode
drops approximately 1.6V when forward biased. This
leaves 3.4V at the MAX3263’s OUT- terminal. It is safe to
reduce the output terminal voltage even further with a
series damping resistor. Terminal voltage levels down to
2.2V can be used without degrading the laser driver’s
high-frequency performance. Power dissipation can be
further reduced by adding a series resistor on the laser
driver’s OUT+ side. Select the series resistor so the
OUT+ terminal voltage does not drop below 2.2V with the
maximum modulation current.
_____________Applications Information
Programming the MAX3263 Laser Driver
Programming the MAX3263 is best explained by an
example. Assume the following laser diode characteris-
tics:
Wavelength
λ
1300nm
Threshold Current
ITH
20mA at +25°C(+0.35mA/
°C temperature variation)
Monitor Responsivity
ρmon 0.1A/W (monitor current /
average optical power
into the fiber)
Modulation Efficiency
η
0.1mW/mA (worst case)
Now assume the communications system has the fol-
lowing requirements:
Average Power
PAVE
0dBm (1mW)
Extinction Ratio
Er
6dB (Er = 4)
Temperature Range
Tr
0°C to +70°C
1) Determine the value of IPINSET:
The desired monitor-diode current is (PAVE)(
ρmon) =
(1mW)(0.1A/W) = 100µA. The RPINSET vs. Monitor
Current graph in the
Typical Operating Characteristics
show that RPINSET should be 18k
Ω.
2) Determine RMODSET:
The average power is defined as (P1 + P0) / 2, where
P1 is the average amplitude of a transmitted “one” and
P0 is the average amplitude of a transmitted “zero.”
The extinction ratio is P1/P0. Combining these equa-
tions results in P1 = (2 x PAVE x Er) / (Er + 1) and P0 =
(2 x PAVE) / (Er + 1). In this example, P1 = 1.6mW and
P0 = 0.4mW. The optical modulation is 1.2mW. The
modulation current required to produce this output is
1.2mW /
η = (1.2mW) / (0.1mA/mW) = 12mA. The
Typical Operating Characteristics show that RMODSET
= 3.9k
Ω yields the desired modulation current.
3) Determine the value of ROSADJ:
Using the Allowable ROSADJ Range vs. Modulation
Current graph in the
Typical Operating Characteristics,
a 5.6k
Ω resistor is chosen for 12mA of modulation cur-
rent. The maximum ROSADJ values given in the graph
minimize aberrations in the waveform and ensure that
the driver stage operates fully limited.
4) Determine the value of RBIASSET:
The automatic power control circuit can adjust the bias
current 40mA from the initial setpoint. This feature
makes the laser driver circuit reasonably insensitive to
variations of laser threshold from lot to lot. The bias set-
ting can be determined using one of two methods:
A) Set the bias at the laser threshold.
B) Set the bias at the midpoint of the highest and low-
est expected threshold values.
Method A is straightforward. In the second method, it is
assumed that the laser threshold will increase with age.
The lowest threshold current occurs at 0°C when the
laser is new. The highest threshold current occurs at
+70°C at the end of the product’s life. Assume the laser
is near the end of life when its threshold reaches two-
times its original value.
Lowest Bias Current:
ITH +
∆ITH = 20mA + (0.35mA/°C)(-25°C) = 11.25mA
Highest Bias Current:
2 x ITH +
∆ITH = 40mA + (0.35mA/°C)(+45°C) = 55.8mA
Single +5V, Fully Integrated,
155Mbps Laser Diode Driver
_______________________________________________________________________________________
9
MAX3263
+5V
OUT+
OUT-
IPIN
≥0.1µF
IBIASOUT
25
Ω
18
Ω
18
Ω
FERRITE
BEAD
LASER
SHUNT RC
PHOTO-
DIODE
0.01
µF
AS CLOSE TO THE
LASER ANODE AS
POSSIBLE
AS CLOSE TO THE
LASER CATHODE AS
POSSIBLE
C
10
µH
Figure 5. Typical Laser Interface with Bias Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com