Electronic Components Datasheet Search
  English  ▼

X  

MAX3263 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3263
Description  Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3263 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3263 Datasheet HTML 1Page - Maxim Integrated Products MAX3263 Datasheet HTML 2Page - Maxim Integrated Products MAX3263 Datasheet HTML 3Page - Maxim Integrated Products MAX3263 Datasheet HTML 4Page - Maxim Integrated Products MAX3263 Datasheet HTML 5Page - Maxim Integrated Products MAX3263 Datasheet HTML 6Page - Maxim Integrated Products MAX3263 Datasheet HTML 7Page - Maxim Integrated Products MAX3263 Datasheet HTML 8Page - Maxim Integrated Products MAX3263 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________General Description
The MAX3263 is a complete, easy-to-program, single
+5V-powered, 155Mbps laser diode driver with com-
plementary enable inputs and automatic power control
(APC). The MAX3263 accepts differential PECL inputs
and provides complementary output currents. A tem-
perature-stabilized reference voltage is provided to
simplify laser current programming. This allows modu-
lation current to be programmed up to 30mA and bias
current to be programmed from up to 60mA with two
external resistors.
An APC circuit is provided to maintain constant laser
power in transmitters that use a monitor photodiode.
Only two external resistors are required to implement
the APC function.
The MAX3263’s fully integrated feature set includes a
TTL-compatible laser failure indicator and a program-
mable slow-start circuit to prevent laser damage. The
slow-start is preset to 50ns and can be extended by
adding an external capacitor.
________________________Applications
Laser Diode Transmitters
155Mbps SDH/SONET
155Mbps ATM
____________________________Features
o Rise Times Less than 1ns
o Differential PECL Inputs
o Single +5V Supply
o Automatic Power Control
o Temperature-Compensated Reference Voltage
o Complementary Enable Inputs
_______________Ordering Information
Single +5V, Fully Integrated,
155Mbps Laser Diode Driver
________________________________________________________________
Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
SLWSTRT
IPIN
VCCA
GNDA
OUT+
GNDA
OUT-
GNDA
IBIASOUT
IMODSET
IBIASSET
IBIASFB
VREF2
IPINSET
FAILOUT
GNDB
VIN+
VIN-
GNDB
VCCB
ENB-
ENB+
VREF1
OSADJ
TOP VIEW
16
15
14
13
9
10
11
12
SSOP
MAX3263
___________________Pin Configuration
19-0432; Rev 1b; 4/98
PART
MAX3263CAG
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 SSOP
MAX3263
+5V
0.01
µF
0.01
µF
+5V
+5V
+5V
OUT+
IBIASOUT
IPIN
PECL
INPUTS
OUT-
FAILOUT
IBIASFB
OSADJ
IMODSET
IPINSET
IBIASSET
VCCA VCCB
VIN+
VIN-
ENB+
GNDB
GNDA
ENB-
SLWSTRT
VREF1
VREF2
LASER
2.7k
PHOTO-
DIODE
FERRITE BEAD
_____________Typical Operating Circuit
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX3263

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32630 MAXIM-MAX32630 Datasheet
468Kb / 27P
Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
19-8478; Rev 0; 3/16
MAX32630FTHR MAXIM-MAX32630FTHR Datasheet
2Mb / 9P
MAX32630FTHR Application Platform
Rev 0; 1116
MAX32630FTHR# MAXIM-MAX32630FTHR# Datasheet
12Mb / 44P
Evaluates the MAX4146x Family of Sub-1GHz ISM Transmitters
2018
MAX32630IWG+ MAXIM-MAX32630IWG+ Datasheet
468Kb / 27P
Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
19-8478; Rev 0; 3/16
MAX32630IWG+T MAXIM-MAX32630IWG+T Datasheet
468Kb / 27P
Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
19-8478; Rev 0; 3/16
More results

Similar Description - MAX3263

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3261 MAXIM-MAX3261 Datasheet
230Kb / 12P
Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
19-0323; Rev 4; 8/97
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
logo
Micrel Semiconductor
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
MAX3261 MAXIM-MAX3261_V01 Datasheet
397Kb / 12P
Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
2001
MAX3263 MAXIM-MAX3263_V01 Datasheet
199Kb / 12P
Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
2001
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com