Electronic Components Datasheet Search
  English  ▼

X  

MAX339 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX339
Description  2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX339 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX339 Datasheet HTML 1Page - Maxim Integrated Products MAX339 Datasheet HTML 2Page - Maxim Integrated Products MAX339 Datasheet HTML 3Page - Maxim Integrated Products MAX339 Datasheet HTML 4Page - Maxim Integrated Products MAX339 Datasheet HTML 5Page - Maxim Integrated Products MAX339 Datasheet HTML 6Page - Maxim Integrated Products MAX339 Datasheet HTML 7Page - Maxim Integrated Products MAX339 Datasheet HTML 8Page - Maxim Integrated Products MAX339 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2.5V, ±15kV ESD-Protected RS-232
Transceivers for PDAs and Cell Phones
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = VL = +2.35V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = VL = +2.5V,
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
VCC to GND ..............................................................-0.3V to +6V
VL to GND...................................................-0.3V to (VCC + 0.3V)
V+ to GND ................................................................-0.3V to +7V
V- to GND .................................................................+0.3V to -7V
V+ +
V-(Note 1) ............................................................... +13V
Input Voltages
T_IN, SHDN, LIN to GND.......................................-0.3V to +6V
R_IN to GND .....................................................................±25V
SWIN to GND...........................................-0.3V to (VCC + 0.3V)
Output Voltages
T_OUT to GND...............................................................±13.2V
R_OUT, SWOUT, LOUT to GND ................-0.3V to (VL + 0.3V)
Short-Circuit Duration T_OUT to GND........................Continuous
Continuous Power Dissipation (TA = +70°C)
24-Pin TSSOP (derate 12.2mW/°C above +70°C) ........975mW
Operating Temperature Ranges
MAX338_ECUG ...................................................0°C to +70°C
MAX338_EEUG.................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
Shutdown Supply Current
Supply Current
Input Logic Low
Input Logic High
Transmitter Input Hysteresis
Input Leakage Current
Output Leakage Current
Output Voltage Low
Output Voltage High
Input Voltage Range
Input Threshold Low
Input Threshold High
Input Hysteresis
Input Resistance
TA = +25°C
IOUT = -1mA
IOUT = 1.6mA
R_OUT, SHDN = 0
VL = +2.5V
VL = +2.5V
SHDN = VCC, no load
SHDN = GND, all inputs at GND
CONDITIONS
MIN
TYP
MAX
110
0.3
1
UNITS
µA
mA
0.6
V
1.5
V
0.4
V
µA
±0.01
±1
µA
±0.05
±10
0.4
V
VL -
VL -
0.6
0.13
V
-25
+25
V
0.6
1.1
V
V
1.8
2.4
V
k
Ω
0.7
35
7
All transmitter outputs loaded with 3k
Ω to
ground
Output Voltage Swing
±3.7
±4.2
Output Resistance
VCC = 0, transmitter output = ±2V
Ω
300
10M
Output Short-Circuit Current
VT_OUT = 0
mA
±60
DC CHARACTERISTICS (VCC = +2.5V, TA = +25°C)
LOGIC INPUTS (T_IN, SHDN)
RECEIVER OUTPUTS
RECEIVER INPUTS
TRANSMITTER OUTPUTS
V
TA = +25°C, VL = +2.5V
TA = +25°C, VL = +2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com