Electronic Components Datasheet Search
  English  ▼

X  

MAX339 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX339
Description  2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX339 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX339 Datasheet HTML 1Page - Maxim Integrated Products MAX339 Datasheet HTML 2Page - Maxim Integrated Products MAX339 Datasheet HTML 3Page - Maxim Integrated Products MAX339 Datasheet HTML 4Page - Maxim Integrated Products MAX339 Datasheet HTML 5Page - Maxim Integrated Products MAX339 Datasheet HTML 6Page - Maxim Integrated Products MAX339 Datasheet HTML 7Page - Maxim Integrated Products MAX339 Datasheet HTML 8Page - Maxim Integrated Products MAX339 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2.5V, ±15kV ESD-Protected RS-232
Transceivers for PDAs and Cell Phones
_______________________________________________________________________________________
3
TIMING CHARACTERISTICS
(VCC = VL = +2.35V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = VL = +2.5V,
TA = +25°C.)
tPHL - tPLH
Note 2: Guaranteed by correlation.
Note 3: Transmitter skew is measured at the transmitter zero crosspoint.
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = VL = +2.35V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = VL = +2.5V,
TA = +25°C.)
PARAMETER
Maximum Data Rate
Receiver Propagation Delay
Receiver Output Enable Time
Receiver Output Disable Time
Time to Exit Shutdown
Transmitter Skew
Receiver Skew
Transition-Region Slew
Rate
tPHL - tPLH
tPLH
tPHL
SYMBOL
CONDITIONS
RL = 3k
Ω, CL = 1000pF,
one transmitter switching
Receiver input to receiver output,
CL = 150pF
VT_OUT > 3.7V
RL = 3k
Ω, CL = 1000pF (Note 3)
VCC = +2.5V, TA = +25°C,
RL = 3k
Ω to 7kΩ,
measured from +3V
to -3V or -3V to +3V,
one transmitter switching
CL = 150pF to
1000pF
CL = 150pF to
2500pF
430
630
50
100
30
200
200
0.15
0.15
250
MIN
TYP
MAX
UNITS
kbps
µs
ns
ns
µs
ns
ns
V/µs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Leakage Current
VT_OUT = ±12V, transmitters disabled,
VCC = 0 or +2.5V
±25
µA
HANDSHAKING I/O (LIN, LOUT)
Input Voltage Range
0VCC
V
Input Threshold Low
LIN, VL = +2.5V, TA = +25°C
0.6
1.1
V
Input Threshold High
LIN, VL = +2.5V, TA = +25°C
1.7
2
V
Input Hysteresis
0.6
V
Input Resistance
TA = +25
oC20
40
k
Ω
Output Voltage Low
LOUT, ISINK = 1.6mA
0.4
V
Output Leakage Current
LOUT = VL, LIN = low or float
±10
µA
SWITCH (SWIN, SWOUT)
Input Voltage Range
0VCC
V
On-Resistance
62
100
Ω
Off-Leakage Current
SHDN = 0
±1µA
Turn-On Time
0.18
µs
Turn-Off Time
0.7
µs
ESD PROTECTION
Human Body Model
±15
IEC 1000-4-2 Air-Gap Discharge method
±15
R_IN, T_OUT, LIN, SWIN
ESD Protection
IEC 1000-4-2 Contact Discharge method
±8
kV
RL = 3k
Ω, CL = 150pF,
one transmitter switching (Note 2)
460
tPHL - tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com