Electronic Components Datasheet Search
  English  ▼

X  

MAX339 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX339
Description  2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX339 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX339 Datasheet HTML 2Page - Maxim Integrated Products MAX339 Datasheet HTML 3Page - Maxim Integrated Products MAX339 Datasheet HTML 4Page - Maxim Integrated Products MAX339 Datasheet HTML 5Page - Maxim Integrated Products MAX339 Datasheet HTML 6Page - Maxim Integrated Products MAX339 Datasheet HTML 7Page - Maxim Integrated Products MAX339 Datasheet HTML 8Page - Maxim Integrated Products MAX339 Datasheet HTML 9Page - Maxim Integrated Products MAX339 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2.5V, ±15kV ESD-Protected RS-232
Transceivers for PDAs and Cell Phones
6
_______________________________________________________________________________________
Detailed Description
Dual Charge-Pump
Voltage Converter
The MAX3388E/MAX3389E’s internal power supply
consists of a regulated dual charge pump that provides
output voltages of +4.2V (doubling charge pump) and -
4.2V (inverting charge pump), regardless of the input
voltage (VCC) over a +2.5V to +3.0V range. The charge
pumps operate in a discontinuous mode: if the output
voltages are less than 4.2V, the charge pumps are
enabled; if the output voltages exceed 4.2V, the charge
pumps are disabled. Each charge pump requires flying
capacitors (C1, C2) and reservoir capacitors (C3, C4)
to generate the V+ and V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that convert
CMOS-logic levels to ±3.7V EIA/TIA-232-compatible
levels.
The MAX3388E/MAX3389E’s transmitters guarantee a
250kbps data rate with loads of 3k
Ω in parallel with
1000pF and 460kbps data rate with loads of 3k
Ω in paral-
lel with 150pF. Figure 1 shows a complete system con-
nection.
These RS-232 output stages are turned off (high
impedance) when the devices are in shutdown mode.
When the power is off, the MAX3388E/MAX3389E permit
the outputs to be driven up to ±12V.
The transmitter inputs do not have pullup resistors.
Connect unused inputs to GND or VL.
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. The MAX3388E/MAX3389E’s receivers
have inverting outputs. The outputs are high imped-
ance in shutdown.
Shutdown Mode
Supply current falls to less than 1µA when the
MAX3388E/MAX3389E are placed in shutdown mode
(SHDN logic low). When shut down, the device’s charge
pumps are turned off, V+ decays to VCC, V- is pulled to
ground, the switch is opened, and the transmitter outputs
are disabled (high impedance). The time required to exit
MAX3388E
MAX3389E
I/O
CHIP
WITH
UART
CPU
RS-232
POWER-
MANAGEMENT
UNIT OR
KEYBOARD
CONTROLLER
SHDN
VL
I/O CHIP
POWER SUPPLY
Figure 1. Interface Under Control of PMU
10
µs/div
5V/div
2V/div
T1
T2
VCC = +2.5V
C1–C4 = 0.1
µF
CL = 1000pF, RL = 3k
Ω
Figure 2. Transmitter Outputs when Exiting Shutdown
Table 1. Shutdown Logic Truth Table
LOUT
SHDN
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
CHARGE
PUMP
SWITCH
MAX3388E
MAX3389E
L
High-Z
High-Z
Inactive
Open
High-Z
LIN
H
Active
Active
Active
Closed
LIN
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com