Electronic Components Datasheet Search
  English  ▼

X  

MAX339 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX339
Description  2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX339 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX339 Datasheet HTML 3Page - Maxim Integrated Products MAX339 Datasheet HTML 4Page - Maxim Integrated Products MAX339 Datasheet HTML 5Page - Maxim Integrated Products MAX339 Datasheet HTML 6Page - Maxim Integrated Products MAX339 Datasheet HTML 7Page - Maxim Integrated Products MAX339 Datasheet HTML 8Page - Maxim Integrated Products MAX339 Datasheet HTML 9Page - Maxim Integrated Products MAX339 Datasheet HTML 10Page - Maxim Integrated Products MAX339 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2.5V, ±15kV ESD-Protected RS-232
Transceivers for PDAs and Cell Phones
_______________________________________________________________________________________
7
shutdown is typically 30µs, as shown in Figure 2.
Connect SHDN to VCC if the shutdown mode is not used.
In shutdown mode, the receiver outputs are high imped-
ance (Table 1).
VL Logic Supply Input
Unlike other RS-232 interface devices where the receiver
outputs swing between 0 and VCC, the MAX3388E/
MAX3389E feature a separate logic supply input (VL)
that sets VOH for the receiver outputs and sets thresh-
olds for the transmitter inputs. This feature allows a
great deal of flexibility in interfacing to many different
types of systems with different logic levels. Connect
this input to the host logic supply (1.8V
≤ VL ≤ VCC).
Also see the Typical PDA/Cell-Phone Application sec-
tion.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against ESDs encoun-
tered during handling and assembly. The MAX3388E/
MAX3389E’s driver outputs, receiver inputs, the hand-
shaking input LIN, and the switch terminal SWIN have
extra protection against static electricity. Maxim has
developed state-of-the-art structures to protect these pins
against an ESD of ±15kV without damage. The ESD
structures withstand high ESD in all states: normal opera-
tion, shutdown, and powered down. After an ESD event,
Maxim’s “E” version devices keep working without
latchup, whereas competing RS-232 products can latch
and must be powered down to remove latchup. ESD pro-
tection can be tested in various ways. The transmitter out-
puts and receiver inputs of this product family are
characterized for protection to the following limits:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact Discharge method specified
in IEC 1000-4-2
3) ±15kV using IEC 1000-4-2’s Air-Gap Discharge
method
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 3a shows the Human Body Model, and Figure 3b
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not specifi-
cally refer to ICs. The MAX3388E/MAX3389E helps you
design equipment that meets Level 4 (the highest level)
of IEC 1000-4-2, without the need for additional ESD-
protection components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body
Model. Figure 4a shows the IEC 1000-4-2 model, and
Figure 4b shows the current waveform for the ±8kV IEC
1000-4-2 Level 4 ESD Contact Discharge test.
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
Ω
RD
1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 3b. Human Body Current Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com