Electronic Components Datasheet Search
  English  ▼

X  

MAX3480ACPI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3480ACPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480ACPI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3480ACPI Datasheet HTML 1Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 2Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 3Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 4Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 5Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 6Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The MAX3480A/MAX3480B are electrically isolated
RS-485/RS-422 data-communications interfaces.
Transceivers, optocouplers, and a transformer are all
included in one low-cost, 28-pin DIP package. A single
+3.3V supply on the logic side powers both sides of the
interface.
The MAX3480B features reduced-slew-rate drivers that
minimize EMI and reduce reflections caused by
improperly terminated cables, allowing error-free data
transmission at data rates up to 250kbps. The
MAX3480A’s driver slew rate is not limited, allowing
transmission rates up to 2.5Mbps.
These devices typically draw 180mA of quiescent sup-
ply current. The MAX3480B provides a low-power shut-
down mode in which it consumes only 0.2µA.
Drivers are short-circuit current limited and are protect-
ed against excessive power dissipation by thermal
shutdown circuitry that places the driver outputs into a
high-impedance state. The receiver input has a fail-safe
feature that guarantees a logic-high output if the input
is open circuit.
The MAX3480A/MAX3480B typically withstand 1600VRMS
(1 minute) or 2000VRMS (1 second). Their isolated inputs
and outputs meet RS-485/RS-422 specifications.
________________________Applications
Isolated RS-485/RS-422 Data Interface
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
Automatic Test Equipment
HVAC/Building Control Networks
____________________________Features
o Isolated Data Interface to 1600VRMS (1 minute)
o Slew-Rate-Limited Data Transmission (MAX3480B)
o High-Speed, Isolated, 2.5Mbps RS-485 Interface
(MAX3480A)
o -7V to +12V Common-Mode Input Voltage Range
with Respect to Isolated Ground
o Single +3.3V Supply
o Current Limiting and Thermal Shutdown for
Driver Overload Protection
o Standard 28-Pin DIP Package
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
AC1
AC2
ISO VCC1
B
D2
D1
VCC2
VCC1
ISO RO DRV
A
ISO DI IN
ISO DE IN
VCC3
SD
FS
GND1
20
19
18
17
9
10
11
12
ISO COM1
ISO DI DRV
ISO VCC2
ISO DE DRV
GND2
DE
VCC4
DI
16
15
13
14
ISO COM2
ISO RO LED
VCC5
RO
MAX485
MAX487
MAX845
ISOLATION BARRIER
TOP VIEW
MAX3480A/B
DIP
__________________Pin Configuration
19-0453; Rev 0; 1/96
PART
MAX3480ACPI
MAX3480AEPI
MAX3480BCPI
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Plastic DIP
28 Plastic DIP
28 Plastic DIP
MAX3480BEPI
-40°C to +85°C
28 Plastic DIP
DATA
RATE
(kbps)
2500
2500
250
250
______________Ordering Information


Similar Part No. - MAX3480ACPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EACPI MAXIM-MAX3480EACPI Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EAEPI MAXIM-MAX3480EAEPI Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EBCPI MAXIM-MAX3480EBCPI Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EBEPI MAXIM-MAX3480EBEPI Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
More results

Similar Description - MAX3480ACPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480A MAXIM-MAX1480A Datasheet
487Kb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293 Datasheet
316Kb / 11P
20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX1480A MAXIM-MAX1480A_05 Datasheet
2Mb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX3293 MAXIM-MAX3293_11 Datasheet
295Kb / 11P
20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com