Electronic Components Datasheet Search
  English  ▼

X  

MAX3480ACPI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3480ACPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480ACPI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 10Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 11Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 12Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 13Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 14Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 15Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
14
______________________________________________________________________________________
Figure 9. Typical RS-485/RS-422 Network
DI
DE
RO
B
A
R
D
RE
RO
DE
DI
R
120
Ω
D
A
B
RE
RE
DI
DE
RO
B
A
R
D
AC1 (MAKE NO CONNECTION)
AC2 (MAKE NO CONNECTION)
SHIELD
(OPTIONAL)
ISO VCC1
B
D2
D1
VCC2
VCC1
ISO RO DRV
A
B
A
SH
ISO DI IN
ISO DE IN
VCC3
SD
FS
GND1
ISO COM1
ISO DI DRV
ISO VCC2
ISO DE DRV
DE
GND2
VCC4
DI
ISO COM2
ISO RO LED
VCC5
RO
R4
R7
R5
R8
100
Ω
120
Ω
R6, 200
Ω
MAX3480A/B
LOGIC GROUND
ISOLATION BARRIER
ISOLATED COMMON
TERMINATING RESISTOR
(ONE RESISTOR ON EACH END)
MAX485
MAX487
MAX845
1
2
28
27
3
4
5
6
7
8
9
10
11
12
13
14
26
25
24
23
22
21
20
19
18
17
16
15
TERMINATING RESISTOR
(ONE RESISTOR ON EACH END)
D1, D2
1N914
R1
130
Ω
R2
R3
BOOSTED V+
DRIVER INPUT
DRIVER ENABLE
VIN
3.0V to 3.6V
C1
22µF
6V
C2
0.1µF
C3
0.01
µF
16
14
12
5
7
13
15
8
2
DI
DE
RO
17
20
18
3
9
10
11
RECEIVER OUTPUT
6
4
74HC240
NOTE: RESISTOR R8
PROTECTS THE MAX3480
FROM TRANSIENT
CURRENTS BETWEEN
SHIELD AND “A” & “B”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com