Electronic Components Datasheet Search
  English  ▼

X  

MAX3480ACPI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3480ACPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480ACPI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3480ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 10Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 11Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 12Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 13Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 14Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
______________________________________________________________________________________
11
_________________________________________________________________Test Circuits
Figure 3. Driver DC Test Load
Figure 4. Driver/Receiver Timing Test Circuit
Figure 5. Driver Timing Test Load
R
R
A
B
VOD
VOC
DI
´
DE
´
3.3V
A
B
CL1
CL2
A
B
RO
R3
3.3V
RDIFF
VID
ISOLATION BARRIER
ISOLATION BARRIER
R
D
OUTPUT
UNDER TEST
500
Ω
S1
S2
ISO VCC1,
ISO VCC2
CL
_______________________________________________________Switching Waveforms
Figure 6. Driver Propagation Delays and Transition Times
Figure 7. Driver Enable and Disable Times
DI
´
VCC_ - 0.4V
VCC_ - 0.4V
2
VCC_ - 0.4V
2
0V
B
A
VO
0V
-VO
VO
tPLH
1/2 VO
10%
tR
90%
90%
tPHL
1/2 VO
10%
tF
VDIFF = VA - VB
VDIFF
tSKEW =
| tPLH - tPHL |
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
0V
A, B
VOL
A, B
0V
VOL + 0.5V
VOH - 0.5V
2.3V
2.3V
tZL
tLZ
tZH
tHZ
DE
´
VCC_ - 0.4V
VCC_ - 0.4V
2
VCC_ - 0.4V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com