Electronic Components Datasheet Search
  English  ▼

X  

MAX3480ACPI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3480ACPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480ACPI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 10Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 11Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 12Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 13Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 14Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 15Page - Maxim Integrated Products MAX3480ACPI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
______________________________________________________________________________________
15
________________________________________________________Package Information
DIM
A
A1
A2
A3
B
B1
C
D1
E
E1
e
eA
eB
L
MIN
–
0.015
0.125
0.055
0.016
0.045
0.008
0.050
0.600
0.525
0.100
0.600
–
0.120
MAX
0.200
–
0.175
0.080
0.020
0.065
0.012
0.090
0.625
0.575
–
–
0.700
0.150
MIN
–
0.38
3.18
1.40
0.41
1.14
0.20
1.27
15.24
13.34
2.54
15.24
–
3.05
MAX
5.08
–
4.45
2.03
0.51
1.65
0.30
2.29
15.88
14.61
–
–
17.78
3.81
INCHES
MILLIMETERS
Plastic DIP
PLASTIC
DUAL-IN-LINE
PACKAGE
(0.600 in.)
DIM
D
D
D
PKG.
P
P
P
MIN
1.230
1.430
2.025
MAX
1.270
1.470
2.075
MIN
31.24
36.32
51.44
MAX
32.26
37.34
52.71
INCHES
MILLIMETERS
PINS
24
28
40
C
A
A2
E1
D
E
eA
eB
A3
B1
0°-15°
B
A1
L
D1
e
21-0044A
PART
MAX1480A
2.50
GUARANTEED
DATA RATE
(Mbps)
SLEW-RATE
LIMITED
No
SUPPLY
VOLTAGE
(V)
5.0
No. OF
Tx/Rx
FULL/HALF
DUPLEX
No. OF Tx/Rx
ON BUS
1/1
Half
32
MAX1480B
0.25
Yes
1/1
Half
5.0
32
MAX1490A
2.50
No
1/1
Full
5.0
32
MAX1490B
0.25
Yes
1/1
Full
5.0
32
MAX3480A
2.50
No
1/1
Half
3.3
32
MAX3480B
0.25
Yes
1/1
Half
3.3
128
Table 4. Maxim’s Isolated RS-485 Product Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com