Electronic Components Datasheet Search
  English  ▼

X  

9DB1233 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # 9DB1233
Description  SMBus Interface/unused outputs can be disabled
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB1233 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button 9DB1233 Datasheet HTML 7Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 8Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 9Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 10Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 11Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 12Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 13Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 14Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IDT® Twelve Output Differential Buffer for PCIe Gen3
9DB1233
Twelve Output Differential Buffer for PCIe Gen3
13
1675B—11/08/10
SMBus Table: Output Enable Readback
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
Reserved
Reserved
R
0
Bit 6
Reserved
Reserved
R
0
Bit 5
Reserved
Reserved
R
0
Bit 4
Reserved
Reserved
R
0
Bit 3
OE11#
Output Control (Disable = Hi-Z)
R
Enabled
Disabled
X
Bit 2
OE10#
Output Control (Disable = Hi-Z)
R
Enabled
Disabled
X
Bit 1
OE9#
Output Control (Disable = Hi-Z)
R
Enabled
Disabled
X
Bit 0
OE8#
Output Control (Disable = Hi-Z)
R
Enabled
Disabled
X
Note: For an output to be enabled, BOTH the Output Enable Bit and the OE# pin must be enabled.
This means that the Output Enable Bit must be '1' and the corresponding OE# pin must be '0'.
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
1
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: DEVICE ID
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RW
1
Bit 6
RW
1
Bit 5
RW
0
Bit 4
RW
0
Bit 3
RW
0
Bit 2
RW
0
Bit 1
RW
0
Bit 0
RW
0
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
0
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
-
Reserved
Reserved
-
Reserved
Byte 5
50,51
45,46
-
-
REVISION ID
-
-
-
-
VENDOR ID
-
-
-
-
-
-
-
-
Byte 6
-
-
-
Byte 7
-
Writing to this register configures how
many bytes will be read back.
-
-
-
-
-
-
-
Device ID 1
Device ID 6
Device ID 7 (MSB)
Device ID is C0 Hex
Device ID 5
Device ID 4
Device ID 3
Device ID 0
Device ID 2
Reserved
58,59
53,54
Byte 4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com