Electronic Components Datasheet Search
  English  ▼

X  

9DB1233 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 9DB1233
Description  SMBus Interface/unused outputs can be disabled
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB1233 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  9DB1233 Datasheet HTML 1Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 2Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 3Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 4Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 5Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 6Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 7Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 8Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IDT® Twelve Output Differential Buffer for PCIe Gen3
9DB1233
Twelve Output Differential Buffer for PCIe Gen3
2
1675B—11/08/10
Pin Configuration
VDD 1
64 VDDA
DIF_IN 2
63 AGND
DIF_IN# 3
62 IREF
GND 4
61 VDD
OE0# 5
60 OE11#
DIF_0 6
59 DIF_11
DIF_0# 7
58 DIF_11#
VDD 8
57 VDD
GND 9
56 GND
OE1# 10
55 OE10#
DIF_1 11
54 DIF_10
DIF_1# 12
53 DIF_10#
OE2# 13
52 OE9#
DIF_2 14
51 DIF_9
DIF_2# 15
50 DIF_9#
GND 16
49 GND
VDD 17
48 VDD
OE3# 18
47 OE8#
DIF_3 19
46 DIF_8
DIF_3# 20
45 DIF_8#
OE4# 21
44 OE7#
DIF_4 22
43 DIF_7
DIF_4# 23
42 DIF_7#
VDD 24
41 VDD
GND 25
40 GND
OE5# 26
39 OE6#
DIF_5 27
38 DIF_6
DIF_5# 28
37 DIF_6#
**ADR_SEL 29
36 VTTPWRGD#/PD
HIGH_BW# 30
35 BYPASS#/PLL
VDD 31
34 GND
SMBCLK 32
33 SMBDAT
64-TSSOP
** Indicates 120K ohm Pulldown
Power Groups
VDD
GND
1
4
DIF_IN/DIF_IN#
8, 17, 24, 41,
48, 57
9, 16, 25, 40,
49, 56
DIF(11:0)
N/A
63
IREF
64
63
Analog VDD & GND
for PLL core
Note: Please treat pin 1 as an analog VDD.
Description
Pin Number
SMBus Address Selection (Pin 29)
ADR_SEL
Voltage
SMBus Adr (Wr/Rd)
Low
<0.8V
DC/DD
Mid
1.2<Vin<1.8V
D6/D7
High
Vin > 2.0V
D4/D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com