Electronic Components Datasheet Search
  English  ▼

X  

9DB1233 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # 9DB1233
Description  SMBus Interface/unused outputs can be disabled
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB1233 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  9DB1233 Datasheet HTML 1Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 2Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 3Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 4Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 5Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 6Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 7Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 8Page - Integrated Circuit Systems 9DB1233 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IDT® Twelve Output Differential Buffer for PCIe Gen3
9DB1233
Twelve Output Differential Buffer for PCIe Gen3
4
1675B—11/08/10
Pin Description (cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
34
GND
PWR
Ground pin.
35
BYPASS#/PLL
IN
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
36
VTTPWRGD#/PD
IN
VTTPWRGD# is an active low input used to sample latched inputs and
allow the device to Power Up. PD is an asynchronous active high input
pin used to put the device into a low power state. The internal clocks and
PLLs are stopped.
37
DIF_6#
OUT
0.7V differential Complementary clock output
38
DIF_6
OUT
0.7V differential true clock output
39
OE6#
IN
Active low input for enabling DIF pair 6.
1 =disable outputs, 0 = enable outputs
40
GND
PWR
Ground pin.
41
VDD
PWR
Power supply, nominal 3.3V
42
DIF_7#
OUT
0.7V differential Complementary clock output
43
DIF_7
OUT
0.7V differential true clock output
44
OE7#
IN
Active low input for enabling DIF pair 7.
1 =disable outputs, 0 = enable outputs
45
DIF_8#
OUT
0.7V differential Complementary clock output
46
DIF_8
OUT
0.7V differential true clock output
47
OE8#
IN
Active low input for enabling DIF pair 8.
1 =disable outputs, 0 = enable outputs
48
VDD
PWR
Power supply, nominal 3.3V
49
GND
PWR
Ground pin.
50
DIF_9#
OUT
0.7V differential Complementary clock output
51
DIF_9
OUT
0.7V differential true clock output
52
OE9#
IN
Active low input for enabling DIF pair 9.
1 =disable outputs, 0 = enable outputs
53
DIF_10#
OUT
0.7V differential Complementary clock output
54
DIF_10
OUT
0.7V differential true clock output
55
OE10#
IN
Active low input for enabling DIF pair 10.
1 =disable outputs, 0 = enable outputs
56
GND
PWR
Ground pin.
57
VDD
PWR
Power supply, nominal 3.3V
58
DIF_11#
OUT
0.7V differential Complementary clock output
59
DIF_11
OUT
0.7V differential true clock output
60
OE11#
IN
Active low input for enabling DIF pair 11.
1 =disable outputs, 0 = enable outputs
61
VDD
PWR
Power supply, nominal 3.3V
62
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the appropriate current. 475 ohms is the
standard value.
63
AGND
PWR
Analog Ground pin for Core PLL
64
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com