Electronic Components Datasheet Search
  English  ▼

X  

MAX384C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX384C/D
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX384C/D Datasheet HTML 4Page - Maxim Integrated Products MAX384C/D Datasheet HTML 5Page - Maxim Integrated Products MAX384C/D Datasheet HTML 6Page - Maxim Integrated Products MAX384C/D Datasheet HTML 7Page - Maxim Integrated Products MAX384C/D Datasheet HTML 8Page - Maxim Integrated Products MAX384C/D Datasheet HTML 9Page - Maxim Integrated Products MAX384C/D Datasheet HTML 10Page - Maxim Integrated Products MAX384C/D Datasheet HTML 11Page - Maxim Integrated Products MAX384C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
8
_______________________________________________________________________________________
______________________________________________Test Circuits/Timing Diagrams
50%
tTRANS
tR < 20ns
tF < 20ns
VOUT
+3V
0V
VNO_
0V
VNO_
LOGIC
INPUT
SWITCH
OUTPUT
+5V
VOUT
-5V
GND
WR
V+
EN
V-
RS
A0
A1
A2
NO1
+2.4V
+2.4V
NO2–NO7
NO8
COM
±3V
3V
50
Ω
MAX382
300
Ω
35pF
A0
+5V
VOUT
-5V
GND
V+
V-
A1
NO1B
NO1A–NO4A
COMA, N02B–N03B
NO4B
COMB
50
Ω
MAX384
300
Ω
35pF
90%
90%
tTRANS
±3V
3V
EN
RS
WR
Figure 1. Transition Time
GND
WR
EN
35pF
VOUT
-5V
*SIMILAR CONNECTION FOR MAX384
V-
V+
VOUT
0V
VA
tOPEN
50%
50%
VAH = +3V
+5V
A2
RS
1k
+5V
A1
A0
N02–
N08
COM
VA
N01
MAX382*
+2.4V
50
Ω
Figure 2. Break-Before-Make Interval (tOPEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com