Electronic Components Datasheet Search
  English  ▼

X  

MAX384C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX384C/D
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX384C/D Datasheet HTML 4Page - Maxim Integrated Products MAX384C/D Datasheet HTML 5Page - Maxim Integrated Products MAX384C/D Datasheet HTML 6Page - Maxim Integrated Products MAX384C/D Datasheet HTML 7Page - Maxim Integrated Products MAX384C/D Datasheet HTML 8Page - Maxim Integrated Products MAX384C/D Datasheet HTML 9Page - Maxim Integrated Products MAX384C/D Datasheet HTML 10Page - Maxim Integrated Products MAX384C/D Datasheet HTML 11Page - Maxim Integrated Products MAX384C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
_______________________________________________________________________________________
9
GND
WR
35pF
VOUT
-5V
*SIMILAR CONNECTION FOR MAX384
V-
V+
VOUT
+3V
+1.5V
0V
0V
VWR
tON (WR)
50%
0.2VO
+5V
EN
RS
1k
+5V
A0, A1,
(A2)
ALL
N0_
COM,
COMB
LOGIC INPUT
N01 or
N01B
+2.4V
MAX382*
+2.4V
DEVICE MUST BE RESET PRIOR TO APPLYING WR PULSE
Figure 4. Write Turn-On Time (tON(WR))
GND
WR
EN
35pF
VOUT
-5V
*SIMILAR CONNECTION FOR MAX384
V-
V+
VOUT
0.9 VO
0V
0V
VEN
tON(EN)
50%
VAH = +3V
+5V
A2
RS
1k
+10V
A1
A0
N02–
N03
COM,
COMB
VEN
N01
MAX382*
+2.4V
tOFF(EN)
50%
50
Ω
Figure 3. Enable Delay (tON(EN), tOFF(EN))
0V
A0, A1, (A2)
EN
3V
0V
3V
WR
tW
50%
20%
80%
tS
tH
VO
SWITCH
OUTPUT
3V
0V
RS
50%
80%
tRS
tOFF (RS)
Figure 5. Write, Setup, and Hold Timing (tW, tS, tH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com