Electronic Components Datasheet Search
  English  ▼

X  

MAX384C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX384C/D
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX384C/D Datasheet HTML 4Page - Maxim Integrated Products MAX384C/D Datasheet HTML 5Page - Maxim Integrated Products MAX384C/D Datasheet HTML 6Page - Maxim Integrated Products MAX384C/D Datasheet HTML 7Page - Maxim Integrated Products MAX384C/D Datasheet HTML 8Page - Maxim Integrated Products MAX384C/D Datasheet HTML 9Page - Maxim Integrated Products MAX384C/D Datasheet HTML 10Page - Maxim Integrated Products MAX384C/D Datasheet HTML 11Page - Maxim Integrated Products MAX384C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
______________________________________________________________________________________
11
DECODERS / DRIVERS
COMA
NO1A
NO2A
NO3A
NO4A
V+
V-
GND
COMB
NO1B
NO2B
NO3B
NO4B
DECODERS / DRIVERS
LATCHES
COM
NO1
NO2
NO3
NO4
NO5
NO6
NO7
NO8
WR
A1
A2
A0
EN
V+
V-
GND
RS
MAX384 DIFFERENTIAL 4-CHANNEL MULTIPLEXER
MAX382 8-CHANNEL SINGLE-ENDED MULTIPLEXER
LATCHES
WR
A1
A0
EN
RS
A1
A0
EN
ON SWITCH
Maintains previous
switch condition
NONE
(latches cleared)
NONE
1
2
3
4
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
0
0
0
0
0
1
1
1
1
1
XXX
1
XXXX
0
WR
RS
LOGIC "0" = VAL ≤ 0.8V, LOGIC "1" VAH ≥ 2.4V
Latching
Reset
Transparent Operation
A1
A2
A0
EN
ON SWITCH
Maintains previous
switch condition
NONE
(latches cleared)
NONE
1
2
3
4
5
6
7
8
X
0
0
1
1
0
0
1
1
X
0
0
0
0
1
1
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
X
XX
X
1
X
X
XXX
0
WR
RS
Latching
Reset
Transparent Operation
__________________________________________Functional Diagrams/Truth Tables
COM
V-
V+
NO
* INTERNAL PROTECTION DIODES
D2
D1
-5V
+5V
MAX382
MAX384
*
*
*
*
Figure 8. Overvoltage Protection Using External Blocking Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com