Electronic Components Datasheet Search
  English  ▼

X  

MAX384C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX384C/D
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX384C/D Datasheet HTML 4Page - Maxim Integrated Products MAX384C/D Datasheet HTML 5Page - Maxim Integrated Products MAX384C/D Datasheet HTML 6Page - Maxim Integrated Products MAX384C/D Datasheet HTML 7Page - Maxim Integrated Products MAX384C/D Datasheet HTML 8Page - Maxim Integrated Products MAX384C/D Datasheet HTML 9Page - Maxim Integrated Products MAX384C/D Datasheet HTML 10Page - Maxim Integrated Products MAX384C/D Datasheet HTML 11Page - Maxim Integrated Products MAX384C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
_Ordering Information (continued)
* Contact factory for dice specifications.
** Contact factory for package availability.
18 CERDIP**
18 CERDIP**
-40°C to +85°C
-55°C to +125°C
MAX384MJN
MAX384EJN
18 Wide SO
18 Plastic DIP
-40°C to +85°C
-40°C to +85°C
MAX384EWN
MAX384EPN
Dice*
18 Wide SO
18 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX384C/D
MAX384CWN
MAX384CPN
PART
__________________________________________________________Chip Topographies
V+
GND
NO3A
NO4A
COMA
COMB
AO
0.116"
(2.95mm)
0.082"
(2.08mm)
COM
NO8
NO2B
NO3B
NO4B
NO1B
WR
RS A1 N.C.
NO2A
NO1A
EN
V-
MAX384
TRANSISTOR COUNT: 165
SUBSTRATE CONNECTED TO V+
V+
GND
NO3
NO4
COM
NO8
AO
0.116"
(2.95mm)
0.082"
(2.08mm)
COM
NO8
NO5
NO6
NO7
N.C.
WR
RS A1
A2
NO2
NO1
EN
V-
MAX382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com