Electronic Components Datasheet Search
  English  ▼

X  

MAX4023EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4023EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
_______________________________________________________________________________________
9
6th
5th
4th
3rd
2nd
1st
6th
5th
4th
3rd
2nd
1st
MAX4024/MAX4026
DIFFERENTIAL GAIN AND PHASE
-0.2
-0.3
-0.1
0
0.1
0.2
0.3
-0.2
-0.3
-0.1
0
0.1
0.2
0.3
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
10
1
0.1
-100
-80
-60
-40
-20
0
-120
0.01
100
0
-100
0.01
0.1
100
1000
MAX4023/MAX4025
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
-80
-60
-40
-20
FREQUENCY (MHz)
110
1
10
100
1000
OFF-ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
0
-120
-100
-80
-60
-40
-20
FREQUENCY (MHz)
100
10
1
1000
ALL-HOSTILE CROSSTALK
vs. FREQUENCY
-80
-60
-40
-20
0
-100
100
0.1
1
100
1000
OUTPUT IMPEDANCE
vs. FREQUENCY
1
10
FREQUENCY (MHz)
10
1000
10
0.01
0.1
100
1000
INPUT VOLTAGE-NOISE DENSITY
vs. FREQUENCY
100
FREQUENCY (kHz)
110
MAX4023/MAX4025
LARGE-SIGNAL TRANSIENT RESPONSE
20ns/div
INPUT
1V/div
OUTPUT
1V/div
MAX4023/MAX4025
SMALL-SIGNAL TRANSIENT RESPONSE
20ns/div
INPUT
50mV/div
OUTPUT
50mV/div
Typical Operating Characteristics—±5V Dual Supply (continued)
(VCC = +5V, VEE = -5V, VCM = REF = 0V, EN = +5V, RIN = 75
Ω to GND, RL = 150Ω to GND, AVCL = +1V/V (MAX4023/MAX4025),
AVCL = +2V/V (MAX4024/MAX4026), TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com