Electronic Components Datasheet Search
  English  ▼

X  

MAX4023EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4023EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX4023–MAX4026 family of voltage feedback
multiplexer-amplifiers combine low-glitch switching and
excellent video specifications with fixed or settable
gain. The MAX4024/MAX4026 are triple and quad 2:1
multiplexers, respectively, with amplifiers that have a
fixed gain of +2. The MAX4023/MAX4025 are triple and
quad 2:1 multiplexers, respectively, with adjustable
gain amplifiers optimized for unity-gain stability. All
devices have 25ns channel switching time and low
10mVP-P switching transients, making them ideal for
high-speed video-switching applications. These
devices operate from a single +4.5V to +11V supply or
from dual supplies of ±2.25V to ±5.5V, and feature an
input common-mode voltage range that extends to the
negative supply rail. A low-power disable mode places
the output in a high-impedance state.
The MAX4023/MAX4025 have -3dB bandwidths of
260MHz and up to 330V/µs slew rates with a settable
gain to equalize long cable runs. The MAX4024/
MAX4026, with 200MHz -3dB bandwidths and 363V/µs
slew rates, have a fixed gain of +2 for driving short
back-terminated cables. The MAX4023/MAX4025 inter-
nal amplifiers maintain an open-loop output impedance
of only 18
Ω over the full output voltage range, and mini-
mize the gain error and bandwidth changes under
loads typical of most Rail-to-Rail® amplifiers. These
devices are ideal for broadcast video applications with
differential gain and phase errors of 0.07% and 0.07°,
respectively.
Applications
Set-Top Boxes
In-Car Navigation/Entertainment
Servers
Security Systems
Video Projectors
Notebook Computers
Broadcast Video
Video Crosspoint Switching
Features
o Single +5V or Dual ±5V Operation
o 260MHz -3dB Bandwidth (MAX4023/MAX4025)
o 200MHz -3dB Bandwidth (MAX4024/MAX4026)
o 363V/µs Slew Rate (MAX4024/MAX4026)
o 25ns Channel Switching Time
o Ultra-Low 20mVP-P Switching Transient
o 0.012%/0.05° Differential Gain/Phase Error
o Input Common-Mode Range Includes Negative
Rail (MAX4023/MAX4025)
o Low-Power Disable Mode
o Available in Space-Saving 14-Pin TSSOP and
16-Pin QSOP Packages
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
________________________________________________________________ Maxim Integrated Products
1
VIDEO
SOURCE
1
R
G
B
R
G
B
TRIPLE
2:1
MUX
DISPLAY
SOURCE
SELECT
EN
R
G
B
VIDEO
SOURCE
2
MAX4024
x 2
x 2
x 2
Typical Operating Circuit
19-2758; Rev 0; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX4023EEE
-40°C to +85°C
16 QSOP
MAX4023ESE
-40°C to +85°C
16 Narrow SO
MAX4024EUD
-40°C to +85°C
14 TSSOP
MAX4024ESD
-40°C to +85°C
14 Narrow SO
MAX4025EUP
-40°C to +85°C
20 TSSOP
MAX4025EWP
-40°C to +85°C
20 Wide SO
MAX4026EUP
-40°C to +85°C
20 TSSOP
MAX4026EWP
-40°C to +85°C
20 Wide SO
Selector Guide and Pin Configurations appear at end of data
sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4023EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4023EEE MAXIM-MAX4023EEE Datasheet
410Kb / 23P
Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
More results

Similar Description - MAX4023EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
Maxim Integrated Produc...
MAX4023 MAXIM-MAX4023_09 Datasheet
410Kb / 23P
Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com