Electronic Components Datasheet Search
  English  ▼

X  

MAX4023EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4023EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS—Single Supply
(VCC = +5V, VEE = 0V, RL =
∞, EN = +5V, VCM = REF = OUT = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply
Voltage Range
VS
Guaranteed by PSRR
4.5
11
V
MAX4023/MAX4024, OUT = 0V
19
32
Quiescent Supply
Current
IS
MAX4025/MAX4026, OUT = 0V
31
43
mA
MAX4023/MAX4024, EN = 0V
3.3
6
Disable Supply Current
MAX4025/MAX4026, EN = 0V
3.9
6
mA
MAX4023/MAX4025, inferred from CMRR
VEE
VCC - 2.8
Input Voltage Range
VIN
MAX4024/MAX4026, inferred from AVCL
VEE + 0.28
VCC - 2.8
V
MAX4023/MAX4025
±1
±18
Input Offset Voltage
VOS
MAX4024/MAX4026
±3
±20
mV
MAX4023/MAX4025
±1
Input Offset Voltage
Matching
∆VOS
MAX4024/MAX4026
±1.5
mV
MAX4023/MAX4025
9
Input Offset Voltage Drift
TCVOS
MAX4024/MAX4026
13
µV°C
Input Bias Current
IB
4.5
14
µA
Input Offset Current
IOS
MAX4023/MAX4025
±0.1
±2
µA
Differential Input
Resistance
RIND
MAX4023/MAX4025, -10mV < VIND < +10mV
50
k
Ω
MAX4023/MAX4025, common mode
4.5
Input Resistance
RIN
MAX4024/MAX4026, single ended
4.5
M
Ω
Open loop
18
MAX4023/MAX4025
Closed loop, AVCL = +1
0.025
Output Resistance
ROUT
MAX4024/MAX4026
0.15
Ω
MAX4023/MAX4025, EN = 0V
75
Disable Output
Resistance
ROUT
MAX4024/MAX4026, EN = 0V
1
k
Ω
Power-Supply Rejection
Ratio
PSRR
±4.5V < VS < ±11V
50
64
dB
Common-Mode
Rejection Ratio
CMRR
MAX4023/MAX4025, VEE < VCM < VCC - 2.8V
50
91
dB
Open-Loop Gain
AVOL
MAX4023/MAX4025, RL = 150
Ω,
0.3V < VOUT < 4.3V
70
85
dB
Voltage Gain
AVCL
MAX4024/MAX4026, RL = 150
Ω,
VEE + 0.28V < VIN < VCC - 2.8V
5.5
6.0
6.5
dB
Gain Matching
∆AVCL
MAX4024/MAX4026
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com